Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 57 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 57 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 53Page - Micrel Semiconductor MIC3000BML Datasheet HTML 54Page - Micrel Semiconductor MIC3000BML Datasheet HTML 55Page - Micrel Semiconductor MIC3000BML Datasheet HTML 56Page - Micrel Semiconductor MIC3000BML Datasheet HTML 57Page - Micrel Semiconductor MIC3000BML Datasheet HTML 58Page - Micrel Semiconductor MIC3000BML Datasheet HTML 59Page - Micrel Semiconductor MIC3000BML Datasheet HTML 60Page - Micrel Semiconductor MIC3000BML Datasheet HTML 61Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
October 2004
57
M9999-101204
MIC3000
Micrel
BYTE
Weight
3
OEM Password, Most Significant Byte
2
OEM Password, 2nd Most Significant Byte
1
OEM Password, 2nd Least Significant Byte
0
OEM Password, Least Significant Byte
OEM Calibration 0 (OEMCAL0)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
FLTDIS
FSPIN
WRINH
APCCAL
FRCINT
FRCTXF
FRCLOS
reserved
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
16 = 10h
A valid OEM password is required for access to this register.
Bit
Function
Operation
D[7]
Reserved
Always write as zero; reads undefined.
D[6]
FLTDIS
Fault comparator disable; inhibits output of fault
0 = faults enabled; 1 = disabled; Read/write.
comparators when set.
D[5]
FSPIN
Fault comparator “spin-on-channel” mode select;
0 = normal operation; 1 = spin on channel;
do not enable ADC and FC spin-on-channel
Read/write.
modes simultaneously.
D[4]
WRINH
Inhibit NVRAM write cycles.
0 = normal operation; 1 = inhibit writes; Read/write.
D[3]
APCCAL
Selects APC calibration mode - DACs may be
0 = normal mode; 1 = calibration mode; Read/write.
controlled directly.
D[2]
FRCINT
Forces the assertion of /INT
0 = normal operation; 1 = asserted; Read/write.
D[1]
FRCTXF
Forces the assertion of TXFAULT
0 = normal operation; 1 = asserted; Read/write.
D[0]
FRCLOS
Forces the assertion of RXLOS
0 = normal operation; 1 = asserted; Read/write.
OEM Calibration 1 (OEMCAL1)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
ADSTP
ADIDL
1SHOT
ADSPIN
SPIN[2]
SPIN[1]
SPIN[0]
reserved
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
0000 0000b = 00h
Serial Address
A6h = 1010011b
Byte Address
17 = 11h
A valid OEM password is required for access to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com