Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 26 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 22Page - Micrel Semiconductor MIC3000BML Datasheet HTML 23Page - Micrel Semiconductor MIC3000BML Datasheet HTML 24Page - Micrel Semiconductor MIC3000BML Datasheet HTML 25Page - Micrel Semiconductor MIC3000BML Datasheet HTML 26Page - Micrel Semiconductor MIC3000BML Datasheet HTML 27Page - Micrel Semiconductor MIC3000BML Datasheet HTML 28Page - Micrel Semiconductor MIC3000BML Datasheet HTML 29Page - Micrel Semiconductor MIC3000BML Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
MIC3000
Micrel
M9999-101204
26
October 2004
Event
Condition
MIC3000 Response
Temperature high alarm
TEMP > TMAX
Set ALARM0[7]
Temperature low alarm
TEMP < TMIN
Set ALARM0[6]
Voltage high alarm
VIN > VMAX
Set ALARM0[5]
Voltage low alarm
VIN < VMIN
Set ALARM0[4]
TX bias high alarm
IBIAS > IBMAX
Set ALARM0[3]
TX bias low alarm
IBIAS < IBMIN
Set ALARM0[2]
TX power high alarm
TXOP > TXMAX
Set ALARM0[1]
TX power low alarm
TXOP < TXMIN
Set ALARM0[0]
RX power high alarm
RXOP > RXMAX
Set ALARM1[7]
RX power low alarm
RXOP < RXMIN
Set ALARM1[6]
Temperature high warning
TEMP > THIGH
Set WARN0[7]
Temperature low warning
TEMP < TLOW
Set WARN0[6]
Voltage high warning
VIN > VHIGH
Set WARN0[5]
Voltage low warning
VIN < VLOW
Set WARN0[4]
TX bias high warning
IBIAS > IBHIGH
Set WARN0[3]
TX bias low warning
IBIAS < IBLOW
Set WARN0[2]
TX power high warning
TXOP > TXHIGH
Set WARN0[1]
TX power low warning
TXOP < TXLOW
Set WARN0[0]
RX power high warning
RXOP > RXHIGH
Set WARN1[7]
RX power low warning
RXOP < RXLOW
Set WARN1[6]
Table 17. MIC3000 Events
Alarms and Warning Flags
There are twenty different conditions that will cause the
MIC3000 to set one of the bits in the WARNx or ALARMx
registers. These conditions are listed in Table 17. The less
critical of these events generate warning flags by setting a bit
in WARN0 or WARN1. The more critical events cause bits to
be set in ALARM0 or ALARM1.
An event occurs when any alarm or warning condition be-
comes true. Each event causes its corresponding status bit
in ALARM0, ALARM1, WARN0, or WARN1 to be set. This
action cannot be masked by the host. The status bit will
remain set until the host reads that particular status register,
a power on-off cycle occurs, or the host toggles TXDISABLE.
If TXDISABLE is asserted at any time during normal opera-
tion, A/D conversions continue. The A/D results for all param-
eters will continue to be reported. All events will be reported
in the normal way. If they have not already been individually
cleared by read operations, when TXDISABLE is deasserted,
all status registers will be cleared.
Control and Status I/O
The logic for the transceiver control and status I/O is shown
schematically in Figure 13. Note that the internal drivers on
RXLOS, RATE_SELECT, and TXFAULT are all open-drain.
These signals may be driven either by the internal logic or
external drivers connected to the corresponding MIC3000
pins. In any case, the signal level appearing at the pins of the
MIC3000 will be reported in the control register status bits.
Note that the control bits for TX_DISABLE and RATE_SELECT
and the status bits for TXFAULT and RXLOS do not meet the
timing requirements specified in the SFP MSA or the GBIC
Specification, revision 5.5 (SFF-8053) for the hardware sig-
nals. The speed of the serial interface limits the rate at which
these functions can be manipulated and/or reported. The
response time for the control and status bits is given in the
“Electrical Characteristics” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com