Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 11Page - Micrel Semiconductor MIC3000BML Datasheet HTML 12Page - Micrel Semiconductor MIC3000BML Datasheet HTML 13Page - Micrel Semiconductor MIC3000BML Datasheet HTML 14Page - Micrel Semiconductor MIC3000BML Datasheet HTML 15Page - Micrel Semiconductor MIC3000BML Datasheet HTML 16Page - Micrel Semiconductor MIC3000BML Datasheet HTML 17Page - Micrel Semiconductor MIC3000BML Datasheet HTML 18Page - Micrel Semiconductor MIC3000BML Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
October 2004
15
M9999-101204
MIC3000
Micrel
ADC Resolution
Channel
(bits)
Conditions
Input Range (V)
LSB(1)
TEMP
8
N/A
1°C
VAUX
8
See Table 6
VMPD
8
GAIN = 0; BIASREF = 0
GNDA – VREF
4.77mV
GAIN = 0; BIASREF = 1
VDDA – (VDDA – VREF)
GAIN = 1; BIASREF = 0
GNDA – VREF/4
1.17mV
GAIN = 1; BIASREF = 1
VDDA – (VDDA – VREF/4)
VILD
8
VILD– = VDDA
VDDA – (VDDA – VREF)
4.77mV
VILD– = GNDA
GNDA – VREF
VRX
8
n/a
0 – VREF
4.77mV
Table 5. A/D Input Signal Ranges and Resolutions
Note:
1. Assumes typical VREF value of 1.22V.
Channel
VAUX[2:0]
Input Range (V)
LSB(1) (mV)
VIN
000 = 00h
0V to 5.5V
25.6mV
VDDA
001 = 01h
0V to 5.5V
25.6mV
VBIAS
010 = 02h
0V to 5.5V
25.6mV
VMOD
011 = 03h
0V to 5.5V
25.6mV
APCDAC
100 = 04h
0V to VREF
4.77mV
MODDAC
101 = 05h
0V to VREF
4.77mV
FLTDAC
110 = 06h
0V to VREF
4.77mV
Table 6. VAUX Input Signal Ranges and Resolutions
Note:
1. Assumes typical VREF value of 1.22V.
VILD–
TEMP
SENSOR
VAUX[2:1]
FLTDAC
MODDAC
APCDAC
VBIAS
VMOD
VDDA
VIN
VILD+
VRX
VMPD
7-CH
MUX
5-CH
MUX
TEMP
SENSOR
SIGMA-DELTA ADC
Figure 2. Analog-to-Digital Converter Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com