Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC3000BML Datasheet(PDF) 53 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 53 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 49Page - Micrel Semiconductor MIC3000BML Datasheet HTML 50Page - Micrel Semiconductor MIC3000BML Datasheet HTML 51Page - Micrel Semiconductor MIC3000BML Datasheet HTML 52Page - Micrel Semiconductor MIC3000BML Datasheet HTML 53Page - Micrel Semiconductor MIC3000BML Datasheet HTML 54Page - Micrel Semiconductor MIC3000BML Datasheet HTML 55Page - Micrel Semiconductor MIC3000BML Datasheet HTML 56Page - Micrel Semiconductor MIC3000BML Datasheet HTML 57Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
October 2004
53
M9999-101204
MIC3000
Micrel
Bit(s)
Function
Operation
D[7]
INV
Inverts the APC op-amp inputs. When set to “0”
0 = emitter follower (no inversion);
the BIAS DAC output is connected to the “+”
1 = common emitter (inverted); read/write;
input and FB is connected to the “–” input of the
non-volatile.
op amp. Set to “0” to use the ADC feedback loop.
D[6]
GAIN
Sets the feedback voltage range by changing the
1 = VREF/4 full scale;
APCDAC output swing; 0-VREF for optical
0 = VREF full scale; read/write ;non-volatile.
feedback, 0-VREF/4 for electrical feedback.
D[5]
BIASREF
Selects whether FB and VMPD are referenced to
1 = VDD; 0 = GND; read/write; non-volatile.
ground or VDD and selects feedback resistor
termination voltage (VDDA or GNDA).
D[4:2]
RFB[2:0]
Selects internal feedback resistance. (Resistors
000 = ×;
will be terminated to VDDA or GNDA according
001 = 800ý,
to BIASREF.)
010 = 1.6ký,
011 = 3.2ký,
100 = 6.4ký,
101 = 12.8ký,
110 = 25.6ký,
111 = 51.2ký;
read/write; non-volatile.
D[1]
SRCE
VBIAS source vs. sink drive.
1 = source (NPN),
0 = sink (PNP); read/write; non-volatile.
D[0]
SPOL
Polarity of shutdown output, SHDN, when active.
1 = high;
0 = low; read/write; non-volatile.
OEM Configuration Register 2 (OEMCFG2)
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
I2CADR[3]
I2CADR[2]
I2CADR[1]
I2CADR[0]
LUTOFF
LUTOFF
LUTOFF
LUTOFF
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Default Value
1010 xxxxb = xxh (slave address = 1010xxxb)
Serial Address
A6h = 1010011b
Byte Address
2 = 02h
CAUTION: Changes to I2CADR take effect immediately! Any accesses following a write to I2CADR must be to the
newly programmed serial bus address. A valid OEM password is required for access to this register. This register is
non-volatile and will be maintained through power and reset cycles.
Bit(s)
Function
Operation
D[7:4]
I2CADR[3:0]
Upper four MSBs of the serial bus slave address;
Read/write; non-volatile.
writes take effect immediately.
D[3:0]
LUTOFF
LUT offset. LUTOFF is added to the result of the
Read/write; non-volatile.
digital temperature sensor to derive the table
index; writes take effect after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com