Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 16 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 16 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 12Page - Sony Corporation CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation CXP87452 Datasheet HTML 15Page - Sony Corporation CXP87452 Datasheet HTML 16Page - Sony Corporation CXP87452 Datasheet HTML 17Page - Sony Corporation CXP87452 Datasheet HTML 18Page - Sony Corporation CXP87452 Datasheet HTML 19Page - Sony Corporation CXP87452 Datasheet HTML 20Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
– 16 –
CXP87452/87460
VDD = 3.0V, IOH = –0.15mA
VDD = 3.0V, IOH = –0.5mA
VDD = 3.0V, IOL = 1.2mA
VDD = 3.0V, IOL = 1.6mA
VDD = 3.0V, IOL = 5.0mA
VDD = 3.6V, VIH = 3.6V
VDD = 3.6V, VIL = 0.3V
VDD = 3.6V, VIL =0.3V
High level
output voltage
2.7
2.3
0.3
–0.3
–0.9
V
V
V
V
V
µA
µA
µA
µA
PD, PH
EXTAL
RST∗2
Item
Symbol
Pin
Condition
Min.
Clock 1MHz
0V other than the measured pins
VDD
IDD2
IIZ
IDDS2
IDDS3
CIN
VOH
VOL
IIHE
IILE
IILR
Low level
output voltage
Input current
Typ.
0.3
0.5
1.0
20
–20
–200
±10
Max.
Unit
Supply voltage (VDD) 3.0 to 3.6V
(Ta = –20 to +75°C, Vss = 0V)
∗1 RST pin specifies only where the power on reset circuit has been selected with mask option.
∗2 RST pin specifies the input current when the pull-up resistor is selected, and specifies leakage current
when non-resistance is selected.
∗3 When entire output pins are open.
∗4 When setting upper 2 bits (CPU clock selection) of clock control register CLC (address: 00FE
H
) to "00" and
operating in high speed mode (1/2 dividing clock).
VDD = 3.3V ± 0.3V∗4
SLEEP mode
VDD = 3.3V ± 0.3V
VDD = 5.5V
Supply
current∗3
Input capacity
VDD = 5.5V,
VI = 0, 5.5V
Crystal oscillation
(C1 = C2 = 15pF) of 12MHz
STOP mode
I/O leakage
current
PA to PK,
MP,
AN0 to AN3,
CS, SI, SO,
SCK, RST∗2
15
0.8
10
30
2.5
10
20
mA
mA
µA
pF
PA to PE,
PF4 to PF7,
PH (VOL only)
PI1 to PI7, PJ,
SO, SCK, RST∗1
(VOL only)
Other than VDD,
Vss, AVDD, and
AVss pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com