Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 17 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 17 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation CXP87452 Datasheet HTML 15Page - Sony Corporation CXP87452 Datasheet HTML 16Page - Sony Corporation CXP87452 Datasheet HTML 17Page - Sony Corporation CXP87452 Datasheet HTML 18Page - Sony Corporation CXP87452 Datasheet HTML 19Page - Sony Corporation CXP87452 Datasheet HTML 20Page - Sony Corporation CXP87452 Datasheet HTML 21Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
– 17 –
CXP87452/87460
∗ tsys indicates three values according to the contents of the clock control register (address; 00FE
H
) upper 2
bits (CPU clock selection).
tsys [ns] = 2000/fc (Upper 2 bits = "00"), 4000/fc (Upper 2 bits = "01"), 16000/fc (Upper 2 bits = "11")
XTAL
tXH
tXL
tCF
tCR
0.4V
VDD – 0.4V
1/fc
EXTAL
Crystal oscillation
Ceramic oscillation
EXTAL
XTAL
External clock
EXTAL
XTAL
74HC04
C1
C2
AC Characteristics
(1) Clock timing
System clock frequency
System clock input pulse
width
System clock input
rising and falling times
Event count clock input
pulse width
Event count clock input
rising and falling times
fC
tXL,
tXH
tCR,
tCF
tEL,
tEH
tER,
tEF
XTAL
EXTAL
XTAL
EXTAL
XTAL
EXTAL
PE1/EC
PE1/EC
MHz
ns
ns
ns
ms
Item
Symbol
Pin
Condition
Unit
Fig. 1,
Fig. 2
Fig. 1,
Fig. 2 (External clock drive)
Fig. 1, Fig. 2
(External clock drive)
Fig. 3
Fig. 3
Min.
1
1
28
37.5
tsys
× 4∗
Max.
16
12
200
20
(Ta = –20 to +75°C, VDD = 3.0 to 5.5V, Vss = 0V)
Fig. 1. Clock timing
VDD = 4.5 to 5.5V
VDD = 4.5 to 5.5V
Fig. 2. Clock applied condition
EC
tEH
tEL
tEF
tER
0.2VDD
0.8VDD
Fig. 3. Event count clock timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com