Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 23 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 23 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 19Page - Sony Corporation CXP87452 Datasheet HTML 20Page - Sony Corporation CXP87452 Datasheet HTML 21Page - Sony Corporation CXP87452 Datasheet HTML 22Page - Sony Corporation CXP87452 Datasheet HTML 23Page - Sony Corporation CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
– 23 –
CXP87452/87460
SO1 cycle time
SI1 data setup time
SI1 data hold time
tLCY
tLSU
tLHD
SO1
SI1
SI1
SI1
Note 1)
2
2
104
µs
µs
µs
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Serial transfer (CH1) (Special mode)
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V)
Note 1)
tLCY specifies only serial mode register (CH1) (SIOM1: Address 01FAH) lower 2 bits (SO1 clock
selection) has been set at 104µs.
Note 2) The load of SO1 pin is 50pF + 1TTL.
SO1 cycle time
SI1 data setup time
SI1 data hold time
tLCY
tLSU
tLHD
SO1
SI1
SI1
SI1
Note 1)
2
2
104
µs
µs
µs
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Serial transfer (CH1) (Special mode)
(Ta = –20 to +75°C, VDD = 3.0 to 3.6V, Vss = 0V)
Note 1)
tLCY specifies only serial mode register (CH1) (SIOM1: Address 01FAH) lower 2 bits (SO1 clock
selection) has been set at 104µs.
Note 2) The load of SO1 pin is 50pF.
Fig. 6. Serial transfer CH1 timing (Special mode)
SO1
SI1
tLCY
Start bit
Output data bit
tLCY
0.5VDD
0.8VDD
0.2VDD
tLCY/2
tLSU
tLHD
Input
data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com