Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 30 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 30 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation CXP87452 Datasheet HTML 28Page - Sony Corporation CXP87452 Datasheet HTML 29Page - Sony Corporation CXP87452 Datasheet HTML 30Page - Sony Corporation CXP87452 Datasheet HTML 31Page - Sony Corporation CXP87452 Datasheet HTML 32Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
– 30 –
CXP87452/87460
Supplement
Fig. 13. Recommended oscillation circuit
EXTAL
XTAL
C1
C2
Rd
Main clock
∗ In PG4/SYNC0/PMI pin and PG5/SYNC1 pin, the input circuit format can be selected every pin.
However, TTL schmitt can not be selected when the supply voltage (VDD) ranges from 3.5V to 5.5V.
Reset pin pull-up resistor
Power on reset circuit
Genaral purpose prescaler oscillation circuit
Input circuit format∗
Non-existent
Non-existent
Non-existent
CMOS schmitt
Item
Content
Existent
Existent
Existent
TTL schmitt
Manufacturer
Model
fc (MHz)
C1 (pF)
C2 (pF)
Rd (
Ω)
Circuit
example
RIVER ELETEC
CO., LTD.
HC-49/U03
KINSEKI LTD.
HC-49/U (-S)
8.00
10.00
12.00
16.00
8.00
10.00
12.00
16.00
10
5
22 (15)
15
12
10
5
22 (15)
15
12
0
0
(i)
(i)
Mask Option Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com