Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 6Page - Sony Corporation CXP87452 Datasheet HTML 7Page - Sony Corporation CXP87452 Datasheet HTML 8Page - Sony Corporation CXP87452 Datasheet HTML 9Page - Sony Corporation CXP87452 Datasheet HTML 10Page - Sony Corporation CXP87452 Datasheet HTML 11Page - Sony Corporation CXP87452 Datasheet HTML 12Page - Sony Corporation CXP87452 Datasheet HTML 13Page - Sony Corporation CXP87452 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
– 10 –
CXP87452/87460
Data bus
RD
(Port F)
Port/AD select
IP
Port F data
A/D converter
Input multiplexer
IP
RD (Port G)
Data bus
Schmitt input
Pulse cycle measurement unit input
Servo input
Note) For PG4/SYNC0, PG5/SYNC1, CMOS schmitt input and TTL schmitt input
can be selected with the mask option.
Data bus
RD (Port H)
Port H data
Large current
12mA
RD (Port F)
Data bus
IP
Input multiplexer
A/D converter
Port F
Port F
Port G
Hi-Z
Hi-Z
Hi-Z
Hi-Z
AN0
to
AN3
4 pins
PF0/AN4
to
PF3/AN7
4 pins
PF4/AN8
to
PF7/AN11
4 pins
PG0/CFG
PG1/DFG
PG2/DPG
PG3/PBCTL
PG4/SYNC0/PMI
PG5/SYNC1
PG6/EXI0
PG7/EXI1/PMSK
8 pins
Port H
Hi-Z
PH0
to
PH7
8 pins
IP
A/D converter
Input multiplexer
Pin
When reset
Circuit format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com