Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 24 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 24 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 20Page - Sony Corporation CXP87452 Datasheet HTML 21Page - Sony Corporation CXP87452 Datasheet HTML 22Page - Sony Corporation CXP87452 Datasheet HTML 23Page - Sony Corporation CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation CXP87452 Datasheet HTML 28Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
– 24 –
CXP87452/87460
Fig. 7. Definitions of A/D converter terms
Conversion time
Sampling time
Reference input voltage
Analog input voltage
tCONV
tSAMP
VREF
VIAN
AVREF
AN0 to AN11
IREF
Only for A/D converter
operation
Ta = 25°C
VDD = AVDD = AVREF = 5.0V
VSS = AVSS = 0V
Operating mode
AVREF = 4.0 to 5.5V
VDD = AVDD = 4.5 to 5.5V
SLEEP mode
STOP mode
Linearity error
Absolute error
Resolution
AVREF current
AVREF
µs
µs
V
V
AVDD
AVREF
1.0
mA
10
µA
0.6
160/fADC
12/fADC
AVDD – 0.5
0
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Bits
(3) A/D converter characteristics (Ta = –20 to +75°C, VDD = AVDD = 4.5 to 5.5V, AVREF = 4.0 to AVDD, Vss = AVSS = 0V)
8
±1
±2
LSB
LSB
Analog input
Linearity error
VFT
VZT
00H
01H
FEH
FFH
∗ The value of f
ADC
is as follows by selecting ADC
operation clock (MSC: Address 01FFH bit 0).
When PS2 is selected, fADC = fc/2
When PS1 is selected, fADC = fc
Conversion time
Sampling time
Reference input voltage
Analog input voltage
tCONV
tSAMP
VREF
VIAN
AVREF
AN0 to AN11
IREF
Only for A/D converter
operation
Ta = 25°C
VDD = AVDD = AVREF = 3.3V
VSS = AVSS = 0V
Operating mode
AVREF = 2.7 to 3.6V
SLEEP mode
STOP mode
Linearity error
Absolute error
Resolution
AVREF current
AVREF
µs
µs
V
V
AVDD
AVREF
0.7
mA
10
µA
0.4
160/fADC
12/fADC
AVDD – 0.3
0
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Bits
(Ta = –20 to +75°C, VDD = AVDD = 3.0 to 3.6V, AVREF = 2.7 to AVDD, Vss = AVSS = 0V)
8
±1
±2
LSB
LSB
A/D converter characteristics
VDD = AVDD = 3.0 to 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com