Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 26 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 26 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 22Page - Sony Corporation CXP87452 Datasheet HTML 23Page - Sony Corporation CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation CXP87452 Datasheet HTML 28Page - Sony Corporation CXP87452 Datasheet HTML 29Page - Sony Corporation CXP87452 Datasheet HTML 30Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
– 26 –
CXP87452/87460
External clock input frequency
External clock input pulse width
External clock input
rising and falling times
Prescaler output delay time
(against PCK
↑)
Prescaler output
rising and falling times
fPCK
tWH, tWL
tR,
tF
tPLH
tPHL
tTLH
tTHL
PCK
PCK
PCK
PO
PO
External clock input
PCK
tR = tF = 6ns
External clock input
PCK
tR = tF = 6ns
33
80
60
50
20
12
200
130
100
100
40
MHz
ns
ns
ns
ns
ns
ns
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
(6) General purpose prescaler
Note) The load of PO pin is 50pF.
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V)
External clock input frequency
External clock input pulse width
External clock input
rising and falling times
Prescaler output delay time
(against PCK
↑)
Prescaler output
rising and falling times
fPCK
tWH, tWL
tR,
tF
tPLH
tPHL
tTLH
tTHL
PCK
PCK
PCK
PO
PO
External clock input
PCK
tR = tF = 6ns
External clock input
PCK
tR = tF = 6ns
33
130
90
100
30
12
200
220
150
280
70
MHz
ns
ns
ns
ns
ns
ns
Item
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
General purpose prescaler
Note) The load of PO pin is 50pF.
(Ta = –20 to +75°C, VDD = 3.0 to 3.6V, Vss = 0V)
1/fPCK
tF
tWH
0.8VDD
tR
tWL
0.5VDD
0.2VDD
tPLH
0.8VDD
0.5VDD
0.2VDD
tTLH
tTHL
tPHL
PCK
PO
Fig. 11. General purpose prescaler timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com