Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 19 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 19 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 15Page - Sony Corporation CXP87452 Datasheet HTML 16Page - Sony Corporation CXP87452 Datasheet HTML 17Page - Sony Corporation CXP87452 Datasheet HTML 18Page - Sony Corporation CXP87452 Datasheet HTML 19Page - Sony Corporation CXP87452 Datasheet HTML 20Page - Sony Corporation CXP87452 Datasheet HTML 21Page - Sony Corporation CXP87452 Datasheet HTML 22Page - Sony Corporation CXP87452 Datasheet HTML 23Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
– 19 –
CXP87452/87460
Input mode
Output mode
Input mode
Output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
SCK input mode
SCK output mode
Chip select transfer mode
(SCK = output mode)
Chip select transfer mode
(SCK = output mode)
Chip select transfer mode
Chip select transfer mode
Chip select transfer mode
Note 1)
tsys indicates three values according to the contents of the clock control register (address; 00FEH)
upper 2 bits (CPU clock selection).
tsys [ns] = 2000/fc (Upper 2 bits = "00"), 4000/fc (Upper 2 bits = "01"), 16000/fc (Upper 2 bits = "11")
Note 2) CS, SCK, SI and SO means each pin of CS
→ CS0, SCK → SCK0, SI → SI0, and SO → SO0 respectively.
Note 3) The load of SCK output mode and SO output delay time is 50pF.
Serial transfer (CH0)
(Ta = –20 to +75°C, VDD = 3.0 to 3.6V, Vss = 0V)
Item
CS
↓→ SCK
delay time
CS
↑→ SCK
floating delay time
CS
↓→ SO
delay time
CS
↓→ SO
floating delay time
CS
high level width
SCK
cycle time
SCK
high and low level widths
SI input setup time
(against SCK
↑)
SI input hold time
(against SCK
↑)
SCK
↓→ SO delay time
tDCSK
tDCSKF
tDCSO
tDCSOF
tWHCS
tKCY
tKH
tKL
tSIK
tKSI
tKSO
SCK0
SCK0
SO0
SO0
CS0
SCK0
SCK0
SI0
SI0
SO0
ns
ns
ns
ns
ns
Symbol
Pin
Min.
tsys + 250
tsys + 200
tsys + 250
tsys + 200
tsys + 200
2
tsys + 200
16000/fc
tsys + 100
8000/fc – 150
–
tsys + 100
200
2
tsys + 100
100
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
2
tsys + 250
125
Max.
Unit
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com