Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXP87452 Datasheet(PDF) 27 Page - Sony Corporation

Part # CXP87452
Description  CMOS 8-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP87452 Datasheet(HTML) 27 Page - Sony Corporation

Back Button CXP87452 Datasheet HTML 23Page - Sony Corporation CXP87452 Datasheet HTML 24Page - Sony Corporation CXP87452 Datasheet HTML 25Page - Sony Corporation CXP87452 Datasheet HTML 26Page - Sony Corporation CXP87452 Datasheet HTML 27Page - Sony Corporation CXP87452 Datasheet HTML 28Page - Sony Corporation CXP87452 Datasheet HTML 29Page - Sony Corporation CXP87452 Datasheet HTML 30Page - Sony Corporation CXP87452 Datasheet HTML 31Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
– 27 –
CXP87452/87460
(7) Others
(Ta = –20 to +75°C, VDD = 3.0 to 5.5V, Vss = 0V)
Item
CFG input
high and low level widths
DFG input
high and low level widths
DPG minimum pulse width
DPG minimum
removal time
PBCTL input
high and low level widths
EXI input
high and low level widths
PMI input
high and low level widths
PMSK input
high and low level widths
tCFH
tCFL
tDFH
tDFL
tDPW
trem
tCTH
tCTL
tEIH
tEIL
tPIH
tPIL
tPSH
tPSL
CFG
DFG
DPG
DPG
PBCTL
EXI0
EXI1
PMI
PMSK
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
Pin
Min.
tFRC
× 24 + 200
tFRC
× 8 + 200
50
50
tFRC
× 8 + tsys + 200
tFRC
× 8 + tsys + 200
tsys + 200
tsys + 200
Max.
Unit
tsys = 2000/fc
tsys = 2000/fc
Condition
Note 1)
tsys indicates three values according to the contents of the clock control register (address; 00FEH)
upper 2 bits (CPU clock selection).
tsys [ns] = 2000/fc (Upper 2 bits = "00"), 4000/fc (Upper 2 bits = "01"), 16000/fc (Upper 2 bits = "11")
Note 2) The value of
tFRC is as follows by selecting FRC clock (FRCS: 01EEH bit 7)
When PS0 is selected,
tFRC = 1000/fc (ns)
When PS1 is selected,
tFRC = 2000/fc (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com