Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F12 Datasheet(PDF) 72 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 72 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 69Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 70Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 71Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 72Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 76Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
Rev. 0.00
7�
�e�te��e� ��� �01�
Rev. 0.00
73
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Bit2
C1OUTEN:Comparator1outputpincontrolbit
0:Disable
1:Enable
Bit1
C1NSEL:Comparator1invertinginputcontrolbit
0:FromVH0
1:FromC1Npin
Bit0
CMP1EN:Comparator1enableordisablecontrolbit
0:Disable
1:Enable
CMP2C0 register
Bit
7
6
5
4
3
2
1
0
Na�e
CMP�OP C�OFM
C�R�
C�OF4
C�OF3
C�OF�
C�OF1
C�OF0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
0
0
0
0
Bit7
CMP2OP:Comparatoroutput;positivelogic.Thisbitisreadonly.
Bit6
C2OFM:Comparatormodeorinputoffsetvoltagecancellationmode
0:Comparatormode
1:Inputoffsetvoltagecancellationmode
WhentheC2OFM=1,comparatorinputsarealwaysfromI/Opins.i.e.theCNPSEL
andC1NSELwillbeforcedto“1”.ThatmeansdisconnecttheinputfromOPAs
output.
Bit5
C2RS:Comparatorinputoffsetvoltagecancellationreferenceselectionbit
0:SelectC2Pasthereferenceinput
1:SelectCNPasthereferenceinput
Bit4~0
C2OF4~C2OF0:Comparatorinputoffsetvoltagecancellationcontrolbits
CMP2C1 register
Bit
7
6
5
4
3
2
1
0
Na�e
CMPE�1 CMPE�0
—
—
C�INTEN C�OUTEN C�P�EL CMP�EN
R/W
R/W
R/W
—
—
R/W
R/W
R/W
R/W
POR
0
0
—
—
0
0
1
0
Bit7~6
CMPES1, CMPES0:Interruptedgecontrolbits
00:Disable
01:Risingedgetrigger
10:Fallingedgetrigger
11:Dualedgetrigger
Bit5~4
Unimplemented,readas“0”
Bit3
C2INTEN:Comparator2interruptcontrolbit
0:Disable
1:Enable
Bit2
C2OUTEN:Comparator2outputpincontrolbit
0:Disable
1:Enable
Bit1
C2PSEL:Comparator2non-invertinginputcontrolbit
0:FromVL0
1:FromC2Ppin
Bit0
CMP2EN:Comparator2enableordisablecontrolbit
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com