Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F12 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
Rev. 0.00
8
�e�te��e� ��� �01�
Rev. 0.00
9
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Pin Description
Pin Name
Function
OPT
I/T
O/T
Description
PA0/CNP
PA0
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
CNP
CMP1C1
CMPI
CMO�
Co��a�ato� in�ut �in
PA1/C1OUT/
TMR
PA1
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
C1OUT
CMP1C1
—
CMPO
Co��a�ato� 1 out�ut �in
TMR
—
�T
—
Exte�nal Ti�e� clock in�ut
PA�/A1P/
C�OUT
PA�
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
A1P
OPA1C1
OPAI
—
OPA1 non-inve�ting in�ut �in
C�OUT
CMP�C1
—
CMPO
Co��a�ato� � out�ut �in
PA3/A1N/INT0
PA3
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
A1N
OPA1C1
OPAI
—
OPA1 inve�ting in�ut �in
INT0
—
�T
—
Exte�nal inte��u�t 0 in�ut �in
PA4/A1E
PA4
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
A1E
OPA1C1
—
OPAO
OPA1 out�ut �in
PA5/A�P/PFD
PA5
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
A�P
OPA�C1
OPAI
—
OPA� non-inve�ting in�ut �in
PFD
MI�C
—
CMO�
PFD out�ut
PA�/A�N/BZ
PA�
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�.
A�N
OPA�C1
OPAI
—
OPA� inve�ting in�ut �in
BZ
BPCTL
—
CMO�
Buzze� out�ut
PA7/A�E/BZ
PA7
PAPU
PAWU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
wake-u�
A�E
OPA�C1
—
OPAO
OPA� out�ut �in
BZ
BPCTL
—
CMO�
Co��le�enta�y �uzze� out�ut
PB0/INT1
PB0
PBPU
MI�C
�T
CMO�
NMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
out�ut NMO� st�uctu�e.
INT1
—
�T
—
Exte�nal inte��u�t 1 in�ut �in
PB1
PB1
PBPU
MI�C
�T
CMO�
NMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
out�ut NMO� st�uctu�e.
PB�
PB�
PBPU
MI�C
�T
CMO�
NMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
out�ut NMO� st�uctu�e.
PB3
PB3
PBPU
MI�C
�T
CMO�
NMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u� and
out�ut NMO� st�uctu�e.
PB�
PB�
PBPU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u�
PC0/O�C1
PC0
PCPU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u�
O�C1
CO
HXT
—
HXT/ERC �in
PC1/O�C�
PC1
PCPU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u�
O�C�
CO
—
HXT
HXT �in
PC4/VCAP
PC4
PCPU
�T
CMO�
Gene�al �u��ose I/O. Registe� ena�led �ull-u�
VCAP
LDOC
—
—
LDO output capacitor pin. Connect a 0.1μF ca�acito�.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com