Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F12 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 19Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 20Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 21Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 22Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 23Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 24Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 25Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
Rev. 0.00
��
�e�te��e� ��� �01�
Rev. 0.00
�3
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
Table Read Program Example
tempreg1 db ?
; temporary register #1
tempreg2 db ?
; temporary register #2
:
:
mov a,06h
; initialise low table pointer - note that this address is referenced
mov tblp,a
mov a,07h
; initialise high table pointer
mov tbhp,a
:
:
tabrdc tempreg1
; transfers value in table referenced by table pointer data at program
; memory address “306H” transferred to tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdc tempreg2
; transfers value in table referenced by table pointer data at program
; memory address “305H” transferred to tempreg2 and TBLH in this
; example the data “1AH” is transferred to tempreg1 and data “0FH” to
; register tempreg2
:
:
org 300h
; sets initial address of program memory
dc 00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
In Circuit Programming
TheprovisionofFlashtypeProgramMemoryprovidestheuserwithameansofconvenientandeasy
upgradesandmodificationstotheirprogramsonthesamedevice.Asanadditionalconvenience,
Holtekhasprovidedameansofprogrammingthemicrocontrollerin-circuitusinga5-pininterface.
Thisprovidesmanufacturerswiththepossibilityofmanufacturingtheircircuitboardscompletewith
aprogrammedorun-programmedmicrocontroller,andthenprogrammingorupgradingtheprogram
atalaterstage.Thisenablesproductmanufacturerstoeasilykeeptheirmanufacturedproducts
suppliedwiththelatestprogramreleaseswithoutremovalandre-insertionofthedevice.
MCU Programming Pins
Function
DATA
�e�ial Data In�ut/Out�ut
CLK
�e�ial Clock
RE�
Device Reset
VDD
Powe� �u��ly
V��
G�ound
TheProgramMemoryandEEPROMdatamemorycanbothbeprogrammedseriallyin-circuitusing
this5-wireinterface.Dataisdownloadedanduploadedseriallyonasinglepinwithanadditional
linefortheclock.Twoadditionallinesarerequiredforthepowersupplyandonelineforthereset.
Thetechnicaldetailsregardingthein-circuitprogrammingofthedevicearebeyondthescopeofthis
documentandwillbesuppliedinsupplementaryliterature.
DuringtheprogrammingprocesstheRESpinwillbeheldlowbytheprogrammerdisablingthe
normaloperationofthemicrocontrollerandtakingcontrolofthePA0andPA2I/Opinsfordataand
clockprogrammingpurposes.Theusermusttakecaretoensurethatnootheroutputsareconnected
tothesetwopins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com