Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F12 Datasheet(PDF) 77 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 77 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 73Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 74Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 75Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 76Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 77Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 78Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 79Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 80Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 81Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 104 page
background image
Rev. 0.00
7�
�e�te��e� ��� �01�
Rev. 0.00
77
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
INTC1 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
MFF
—
—
—
EMFI
—
—
R/W
—
R/W
—
—
—
R/W
—
—
POR
—
0
—
—
—
0
—
—
Bit7
Unimplemented,readas“0”
Bit6
MFF:Multi-functioninterruptrequestflag
0:Inactive
1:Active
Bit5~3
Unimplemented,readas“0”
Bit2
EMFI:Multi-functioninterruptenable
0:Disable
1:Enable
Bit1~0
Unimplemented,readas“0”
MFIC0 Register
Bit
7
6
5
4
3
2
1
0
Na�e
—
TB1F
TB0F
—
—
TB1E
TB0E
—
R/W
—
R/W
R/W
—
—
R/W
R/W
—
POR
—
0
0
—
—
0
0
—
Bit7
Unimplemented,readas“0”
Bit6
TB1F:TimeBase1interruptrequestflag
0:Inactive
1:Active
Bit5
TB0F:TimeBase0interruptrequestflag
0:Inactive
1:Active
Bit4~3
Unimplemented,readas“0”
Bit2
TB1E:TimeBase1interruptenable
0:Disable
1:Enable
Bit1
TB0E:TimeBase0interruptenable
0:Disable
1:Enable
Bit0
Unimplemented,readas“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com