Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT45F12 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT45F12
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F12 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT45F12 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45F12 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 104 page
background image
Rev. 0.00
14
�e�te��e� ��� �01�
Rev. 0.00
15
�e�te��e� ��� �01�
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
HT45F12
8-Bit Flash MCU with Op Amps & Comparators
OP Amplifier Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD Conditions
D.C. Characteristic
VDD
O�e�ating voltage
─
─
�.�
─
5.5
V
IDD
Quiescent cu��ent
5V
No load
─
�00
350
μA
VOPO�1
In�ut offset voltage
5V
AxOF4~0= (10000)
-15
─
+15
�V
VOPO��
In�ut offset voltage
5V
By cali��ation
-4
─
+4
�V
IOPO�
In�ut offset cu��ent
─
VDD= 5V� VCM= 1/�VDD�
Ta= -40°C~85°C
─
10
─
nA
VCM
Co��on Mode Voltage Range
─
─
V��
─
VDD-1.4
V
P�RR
Powe� �u��ly Rejection Ratio
─
─
58
80
─
dB
CMRR
Co��on Mode Rejection Ratio
─
VDD= 5V
VCM= 0~(VDD-1.4V)
58
80
─
dB
A.C. Characteristic
AOL
O�en Loo� Gain
─
─
�0
80
─
dB
�R
�lew Rate +� Rate -
─
No load
─
0.1
─
V/μs
GBW
Gain Band Width
─
RL= 1MΩ, CL= 100�F
100k
�M
─
Hz
Comparator Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Condition
VDDC
Co��a�ato� O�e�ating Voltage
─
─
�.�
─
5.5
�V
IDDC
Co��a�ato� O�e�ating Cu��ent
3.3V
─
─
�0
40
μA
5V
─
─
30
�0
μA
VCPO�1
Co��a�ato� In�ut Offset Voltage
─
CxOF4~0=(10000)
-10
─
+10
�V
VCPO��
Co��a�ato� In�ut Offset Voltage
─
By cali��ation
-4
─
+4
�V
VCM
Co��a�ato� Co��on Mode
Voltage Range
─
─
V��
─
VDD-1.4V
V
AOL
Co��a�ato� O�en Loo� Gain
─
─
�0
80
─
dB
tPD1
Co��a�ato� Res�onse Ti�e
─
With ��V ove�d�ive
─
─
10
μs
tPD�
Co��a�ato� Res�onse Ti�e
─
With 10�V ove�d�ive
─
─
1.5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com