Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
41
ADCL_DAC_SVOL or
ADCR_DAC_SVOL
SIDETONE
VOLUME
0000
-36
0001
-33
0010
-30
0011
-27
0100
-24
0101
-21
0110
-18
0111
-15
1000
-12
1001
-9
1010
-6
1011
-3
1100
0
1101
0
1110
0
1111
0
Table 26 Digital Sidetone Volume in dB
DAC OVERSAMPLING
In order to increase the signal to noise ratio (SNR) of the DAC output, the DAC_OSR128 register bit
can be used to increase the oversampling rate of the DAC as shown in Table 31. The
MANUAL_MODE register bit is detailed in “ADC and DAC Clocking and Sample Rates”. There will be
a slight increase in power consumption when 128OSR mode is selected.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC & DAC
Control 2
0
DAC_OSR128
0
DAC 128 Over Sampling Rate
0: 64x DAC oversampling
1: If MANUAL_MODE=0, automatically
configure DACDIV[2:0] for 128OSR
mode. This will give a SNR
improvement at the expense of power
Table 27 DAC Oversampling Control
ANALOGUE OUTPUTS
WM8961 has 2 analogue output paths. One path drives a ground referenced headphone output which
is powered by a charge pump. In this path, a DC servo is used to remove any offsets from the
headphone outputs. The second path drives the Class D speaker outputs.
HEADPHONE OUTPUTS
The headphone output consists of 2 stages, a Volume PGA, followed by an output drive stage
containing an integrated PGA, as illustrated in Figure 18. The headphone output stage must be
enabled during normal operation, which permits power saving when not in use. The headphone bias
current can be controlled to improve SNR. For details of the DC Servo, refer to the “DC Servo”
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com