Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
80
CHIP DEVICE ID
The device ID can be read back from register 1 bits [15:9]. (Note that writing to this register is also
used to configure the Right Input Volume)
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Reset / ID
15:12
DEVICE_ID [3:0]
0000
Reading from this register will indicate device
family ID
Device ID: [3:0]
0000 = 1801
0001-1111 : unused
11:9
CHIP_REV[2:0]
010
Device Revision: [2:0]
000 = Rev A
001 = Rev B
010 = Rev C
011-111 : unused
Table 65 Chip Device ID
CHIP SOFTWARE RESET
The device can be reset by writing any value to register 15.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R15 (0Fh) Software Reset
15:0
SW_RST_DEV_ID1
[15:0]
0x1801
Writing to this register resets all registers to their
default state = Software Reset
Read from register = Device number = 1801
Table 66 Chip Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com