Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
12
TYPICAL POWER CONSUMPTION
The WM8961 power consumption is dependent on many parameters. Most significantly, it depends on
supply voltages, sample rates, mode of operation, and output loading.
The power consumption on each supply rail varies approximately with the square of the voltage.
Power consumption is greater at fast sample rates than at slower ones. When the digital audio
interface is operating in Master mode, the DVDD current is significantly greater than in Slave mode.
(Note also that power savings can be made by using MCLK as the BCLK source in Slave mode.) The
output load conditions (impedance, capacitance and inductance) can also impact significantly on the
device power consumption.
COMMON TEST CONDITIONS
Unless otherwise stated, the following test conditions apply throughout the following sections:
•
Ambient temperature = +25°C
•
Audio signal = quiescent (zero amplitude)
•
Sample rate = 48kHz
•
MCLK = 12.288MHz
Additional, variant test conditions are quoted within the relevant sections below. Where applicable,
power dissipated in the headphone or line loads is included.
All measurements given in this section are typical and derived from evaluation.
MEASUREMENTS
Stereo line record - LINPUT1 and RINPUT1 pins to ADC output.
Test conditions:
LINVOL = RINVOL = 011111b (0dB)
Variant test conditions
AVDD
DVDD
SPKVDD
MICVDD
TOTAL (see
note 1)
V
mA
V
mA
V
mA
V
mA
mW
48kHz sample rate, quiescent
1.8
7.08
1.8
1.8
5.0
0.001
2.5
0.001
16
48kHz sample rate, quiescent, MBSEL=1
1.8
7.08
1.8
1.8
5.0
0.001
2.5
0.258
16.7
48kHz sample rate, -1dBFS Input
1.8
7.12
1.8
1.8
5.0
0.001
2.5
0.001
16.1
8kHz sample rate (256fS i.e. MCLK =
2.048MHz)
1.8
6.85
1.8
0.30
5.0
0.001
2.5
0.001
12.9
Note:
1.
CPVDD consumed 0.004mA in all cases.
Stereo Playback DAC to Headphones – Low Power Headphone Playback with 16Ω load.
Test conditions
CP_DYN_PWR[1:0] = 0b11 (Dynamic control of charge pump power)
48kHz sample rate
Variant test conditions
AVDD
DVDD
SPKVDD
CPVDD
TOTAL
V
mA
V
mA
V
mA
V
mA
mW
Quiescent
1.8
1.79
1.8
1.55
5.0
0.002
1.8
0.54
6.99
Po = 2mW/channel
1.8
1.79
1.8
1.57
5.0
0.002
1.8
18.0
38.2
Po = 16mW/channel
1.8
1.82
1.8
1.57
5.0
0.002
1.8
59.8
114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com