Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Right Channel
PGA
8
IPVU
0
Input PGA Volume Update
0 = Store RINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (right = RINVOL, left =
intermediate latch)
7
RINMUTE
1
Right Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-
mute.
6
RIZC
0
Right Input PGA Zero Cross
Detector. Requires separate
register write before volume
setting.
1 = Change gain on zero cross
only
0 = Change gain immediately
5:0
RINVOL
[5:0]
011111
( 0dB )
Right Input PGA Volume Control
111111 = +24dB
111110 = +23.25dB
. . 0.75dB steps down to
000000 = -23.25dB
R23 (17h)
Additional
control(1)
0
TOEN
0
Timeout Enable
0 = Timeout disabled
1 = Timeout enabled
R30 (1Eh)
Clocking 3
8:7
CLK_TO_DIV[1:0]
00
Timeout/slow clock divider setting
00 : 125Hz ( timeout = 8ms)
01 : 250Hz ( timeout = 4ms)
10 : 500Hz ( timeout = 2ms)
11 : 1kHz ( timeout = 1ms)
Table 6 Input PGA Volume Control
See "Volume Updates" section for a more detailed description of the volume update function, the zero
cross function and the timeout operation
INPUT BOOST STAGE
The output of the PGA volume control stage is fed to the boost stage input. The input boost amplifier
is a second order MFB active filter with selectable step gain. The boost stage provides the capability
of adding large step gains to the output of the PGA. The output of the boost stage feeds into the ADC.
To prevent large step outputs from the ADC, the boost gain should only be set during initial
configuration.
The boost stage can provide up to +29dB additional gain from the PGA output to the ADC input,
providing a total maximum available analogue gain of +53dB from microphone to ADC. Microphone
PGA to boost gain settings are shown in Table 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com