Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
23
When the Automatic Level Control (ALC) is enabled the input PGA gains are controlled automatically
and the LINVOL and RINVOL bits should not be used.
The left and right input PGAs can be independently muted using the LINMUTE and RINMUTE register
bits.
To allow simultaneous volume updates of left and right channels, PGA gains are not altered until a 1
is written to the IPVU bit.
To prevent "zipper noise", a zero-cross function is provided, so that when enabled, volume updates
will not take place until a zero-crossing is detected. This can be enabled using the LIZC and LIZC
register bits. These bits must be written as a separate register write, before the volume setting is
applied. For example, to change the left and right volumes simultaneously, with zero cross enabled,
the sequence would be as detailed in Table 5.
It is recommended to perform a calibration of the DC Servo input channel before using the Input PGA
Zero Cross Detector.
REGISTER
VALUE
COMMENT
R0 (00h) Left Channel
PGA
0bxx1x_xxxx
LIZC = 1: Enable Left Input PGA Zero Cross
Detector
R1 (01h) Right Channel
PGA
0bxx1x_xxxx
RIZC = 1: Enable Right Input PGA Zero Cross
Detector
R0 (00h) Left Channel
PGA
0b001y_yyyy
IPVU = 0; LINMUTE = 0; LIZC = 1; LINVOL
[5:0] = 0by_yyyy: Apply Left Input PGA volume
setting, keep Zero Cross enabled, store update.
R1 (01h) Right Channel
PGA
0b101y_yyyy
IPVU = 1; RINMUTE = 0; RLIZC = 1; RINVOL
[5:0] = 0by_yyyy: Apply Right Input PGA volume
setting, keep Zero Cross enabled, update left and
right channel gains simultaneously.
Table 5 Simultaneous Volume update with Zero Cross
In the event of a long period without zero-crossings, a timeout function is available. When this function
is enabled (using the TOEN register bit), the volume will update automatically after a timeout. The
timeout period is set by CLK_TO_DIV[2:0] Note that SYSCLK must be running to use this function.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Left Channel
PGA
8
IPVU
0
Input PGA Volume Update
0 = Store LINVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LINVOL, right =
intermediate latch)
7
LINMUTE
1
Left Input PGA Analogue Mute
1 = Enable Mute
0 = Disable Mute
Note: IPVU must be set to un-
mute.
6
LIZC
0
Left Input PGA Zero Cross
Detector. Requires separate
register write before volume
setting.
1 = Change gain on zero cross
only
0 = Change gain immediately
5:0
LINVOL
[5:0]
011111
( 0dB )
Left Input PGA Volume Control
111111 = +24dB
111110 = +23.25dB
. . 0.75dB steps down to
000000 = -23.25dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com