Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
18
Figure 7 Typical Power up Sequence when DVDD is Applied before AVDD
Figure 7 shows a typical power-up sequence where DVDD comes up first. First it is assumed that
DVDD is already up to specified operating voltage. When AVDD goes above the minimum threshold,
Vpora, there is enough voltage for the circuit to guarantee PORB is asserted low and the chip is held in
reset. In this condition, all writes to the control interface are ignored. When AVDD rises to Vpora_on,
PORB is released high and all registers are in their default state and writes to the control interface
may take place.
On power down, where DVDD falls first, PORB is asserted low whenever DVDD drops below the
minimum threshold Vpord_off.
SYMBOL
MIN
TYP
MAX
UNIT
Vpora
0.5
V
Vpora_on
1.1
V
Vpora_off
1.1
V
Vpord_on
0.9
V
Vpord_off
0.65
V
Table 1 Typical POR Operation
Notes:
1.
If AVDD and DVDD suffer a brown-out (i.e. drops below the minimum recommended operating
level but do not go below Vpora_off or Vpord_off) then the chip will not reset and will resume normal
operation when the voltage is back to the recommended level again.
2.
The chip will enter reset at power down when AVDD or DVDD falls below Vpora_off or Vpord_off. This
may be important if the supply is turned on and off frequently by a power management system.
3.
The minimum tpor period is maintained even if DVDD and AVDD have zero rise time. This
specification is guaranteed by design rather than test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com