Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8961 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8961
Description  Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8961 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8961 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8961 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 116 page
background image
WM8961
Pre-Production
w
PP, August 2009, Rev 3.1
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
ALC Control
(1)
8:7
ALCSEL
[1:0]
00
(OFF)
ALC Function Select
00 = ALC off (PGA gain set by
register)
01 = Right channel only
10 = Left channel only
11 = Stereo (PGA registers unused)
Note: ensure that LINVOL and
RINVOL settings (reg. 0 and 1)
are the same before entering
this mode.
6:4
MAXGAIN
[2:0]
111
(+24dB)
Set Maximum Gain of PGA
111 : +24dB
110 : +18dB
….(-6dB steps)
001 : -12dB
000 : -18dB
3:0
ALCL
[3:0]
1011
(-12dB)
ALC Target (Sets signal level at ADC
input)
0000 = -28.5dB FS
0001 = -27.0dB FS
… (1.5dB steps)
1110 = -7.5dB FS
1111 = -6dB FS
R18 (12h)
ALC Control
(2)
6:4
MINGAIN
[2:0]
000
Set Minimum Gain of PGA
000 = -23.25dB
001 = -17.25dB
010 = -11.25dB
011 = -5.25dB
100 = +0.75dB
101 = +6.75dB
110 = +12.75dB
111 = +18.75dB
3:0
HLD
[3:0]
0000
(0ms)
ALC hold time before gain is
increased.
0000 = 0ms
0001 = 2.67ms
0010 = 5.33ms
… (time doubles with every step)
1111 = 43.691s
R19 (13h)
ALC Control
(3)
8
ALCMODE
0
Determines the ALC mode of
operation:
0 = ALC mode
1 = Limiter mode
ALCSEL[1:0] bits must be set to 00
before changing this bit.
7:4
DCY
[3:0]
0011
(192ms)
ALC decay (gain ramp-up) time
0000 = 24ms
0001 = 48ms
0010 = 96ms
… (time doubles with every step)
1010 or higher = 24.58s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com