Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXR40 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 61Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 62Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
65
5.7.3
LVDS pad specifications
LVDS pads are implemented to support the MSC (Microsecond Channel) protocol, which is an enhanced feature of the DSPI
module.
Table 13. VDD33 Pad Average DC Current
1
1 These are average IDDE for worst case PVT from simulation. Currents apply to output pins only for the fast pads and to input
pins only for the medium pads.
Spec
Pad Type
Symbol
Frequency
(MHz)
Load2
(pF)
2 All loads are lumped.
VDD33
(V)
VDDE
(V)
Drive/Slew
Rate Select
Current (mA)
1Medium
I33_MH
—
—
3.6
5.5
—
0.0007
2Fast
I33_FC
66
10
3.6
3.6
00
0.92
366
20
3.6
3.6
01
1.14
466
30
3.6
3.6
10
1.50
566
50
3.6
3.6
11
2.19
6Fast w/ Slew
Control
I33_FSR
66
50
3.6
3.6
11
0.74
750
50
3.6
3.6
10
0.52
8
33.33
50
3.6
3.6
00
0.19
920
50
3.6
3.6
00
0.19
10
20
200
3.6
3.6
00
0.19
Table 14. DSPI LVDS pad specification
#
Characteristic
Symbol
Condition
Min.
Value
Typ.
Value
Max.
Value
Unit
Data Rate
1
Data Frequency
f
LVDSCLK
——
50
—
MHz
Driver Specs
2
Differential output voltage
VOD
SRC=0b00 or 0b11
150
—
400
mV
SRC=0b01
90
—
320
SRC=0b10
160
—
480
3
Common mode voltage (LVDS),
VOS
VOS
—
1.06
1.2
1.39
V
4
Rise/Fall time
TR/TF
——
2
—
ns
5
Propagation delay (Low to High)
TPLH
——
4
—
ns
6
Propagation delay (High to Low)
TPHL
——
4
—
ns
7
Delay (H/L), sync Mode
tPDSYNC
——
4
—
ns
8
Delay, Z to Normal (High/Low)
TDZ
——
500
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com