Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXR40 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
67
6 This specification applies to the period required for the PLL to re-lock after changing the MFD frequency control bits in the
synthesizer control register (SYNCR). From power up with crystal oscillator reference, lock time will be additive with crystal
startup time.
7
For Flexray operation, duty cycle requirements are higher.
8 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
sys.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the PLL circuitry via VDDSYN and VSSSYN and variation in crystal oscillator frequency increase the Cjitter
percentage for a given interval. D_CLKOUT divider set to divide-by-2.
9 Values are with frequency modulation disabled. If frequency modulation is enabled, jitter is the sum of C
jitter +Cmod.
10 Modulation depth selected must not result in f
pll value greater than the fpll maximum specified value.
11 Maximum and minimum variation from programmed modulation depth is pending characterization. Depth settings available in
control register are: 2%, 3%, and 4% peak-to-peak.
12 Depth tolerance is the programmed modulation depth ±0.25% of F
sys. Violating the VCO min/max range may prevent the
system from exiting reset.
13 Modulation rates less than 400 kHz will result in exceedingly long FM calibration durations. Modulation rates greater than 1 MHz
will result in reduced calibration accuracy.
14 Violating this range will cause the VCO max/min range to be violated with the default MFD settings out of reset.
Table 16. Oscillator electrical specifications1
(VDDSYN = 3.0 V to 3.6 V, VSS =VSSSYN =0 V, TA =TL to TH)
1 All values given are initial design targets and subject to change.
Spec
Characteristic
Symbol
Min
Max
Unit
1
Crystal Mode Differential Amplitude2
(Min differential voltage between EXTAL and XTAL)
2 This parameter is meant for those who do not use quartz crystals or resonators, but instead use CAN oscillators in crystal mode.
In that case, Vextal –Vxtal  400 mV criterion has to be met for oscillator’s comparator to produce output clock.
Vcrystal_diff_amp
| Vextal – Vxtal | > 0.4 V
—V
2
Crystal Mode: Internal Differential Amplifier Noise
Rejection
V
crystal_diff_amp_nr
—
| Vextal – Vxtal | < 0.2 V
V
3
EXTAL Input High Voltage
Bypass mode, External Reference
VIHEXT
((VDD33/2) + 0.4 V)
—V
4
EXTAL Input Low Voltage
Bypass mode, External Reference
VILEXT
—
(VDD33/2) – 0.4 V
V
5
XTAL Current3
3 I
xtal is the oscillator bias current out of the XTAL pin with both EXTAL and XTAL pins grounded.
IXTAL
13
mA
6
Total On-chip stray capacitance on XTAL
CS_XTAL
—
1.5
pF
7
Total On-chip stray capacitance on EXTAL
CS_EXTAL
—
1.5
pF
8
Crystal manufacturer’s recommended capacitive load
CL
See crystal spec
See crystal spec
pF
9
Discrete load capacitance to be connected to EXTAL
CL_EXTAL
—
(2 × CL –CS_EXTAL
–CPCB_EXTAL
4
)
4 C
PCB_EXTAL and CPCB_XTAL are the measured PCB stray capacitances on EXTAL and XTAL, respectively.
pF
10
Discrete load capacitance to be connected to XTAL
CL_XTAL
—
(2 × CL –CS_XTAL
–CPCB_XTAL
4
)
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com