| Electronic Components Datasheet Search |
|
22017-2 Datasheet(PDF) 59 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 Datasheet(HTML) 59 Page - ITT Industries |
|
59 / 120 page ![]() ARINC 404 DPX Solder Coaxial Cable Assembly 59 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change ITT Cannon recommends resistance soldering for all solder contacts, particularly for RF cable where excessive heat will damage the dielectric. Wires For Codes A, B, C, D, and E 1. Cut cable evenly. Trim to dimensions as shown on page 60. Care should be taken not to injure the conductor or dielectric. 2. Remove inner contact from coaxial assembly and solder it to inner conductor of cable. 3. Push inner contact back into coaxial assembly. 4. Pull outer conductor over coaxial shell, and solder. 5. Apply shrink sleeving after assembly. For Codes I and J 1. Cut cable evenly. Trim to dimensions as shown on page 60. Care should be taken not to injure the conductor or dielectric. 2. Comb braid, tin conductor and remove flux. 3. Remove solder pot cover. Insert cable and solder conductor to contact. The dielectric should butt against contact solder pot. 4. Replace solder pot cover and solder braid to ferrule. 5. Apply shrink sleeving after assembly. For Codes K 1. Cut cable evenly. Trim to dimensions as shown on page 60. Care should be taken not to injure the conductor or dielectric. 2. Unscrew cap and remove spacer and inner contact from coaxial assembly. 3. Push cable through center of cap and spacer. 4. Solder inner. contact to inner conductor of cable. 5. Push inner contact back into coaxial shell as- sembly and attach cap. 6. Separate outer conductor of cables into two pigtails 180˚ apart. 7. Attach on pigtail to each end of cap strip and solder. 8. Apply shrink sleeving after assembly. For Codes Z and AA 1. Cut cable evenly. Trim to dimensions as shown on page 60. Care should be taken not to injure the conductor or dielectric. 2. Solder inner conductor to coaxial contact through side slot in coaxial with outer sleeve pushed back on cable. 3. Pull sleeve forward over braid and solder through holes in sleeve. 4. Solder sleeve to coaxial body. should be pre-tinned. Bushing, endbells, and junc- tion shells (where applicabe) must be slipped over wire bundles before soldering is started. Consult JACKET 2. 3. 4. CAP SPACER INNER CONDUCTOR INNER CONTACT OUTER SLEEVE CONTACT REAR INSULATOR SHELL ASSY FRONT INSULATOR CAP STRIP OUTER CONDUCTOR OUTER CONDUCTOR COAXIAL SHELL INNER CONDUCTOR INNER CONTACT factory for types not shown. The mechanical steps in wiring coaxials described below. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |