Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 80 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 80 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 76Page - ITT Industries 22017-2 Datasheet HTML 77Page - ITT Industries 22017-2 Datasheet HTML 78Page - ITT Industries 22017-2 Datasheet HTML 79Page - ITT Industries 22017-2 Datasheet HTML 80Page - ITT Industries 22017-2 Datasheet HTML 81Page - ITT Industries 22017-2 Datasheet HTML 82Page - ITT Industries 22017-2 Datasheet HTML 83Page - ITT Industries 22017-2 Datasheet HTML 84Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 120 page
background image
MIL-C-83733
DPK
Test Data
80
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
THERMAL SHOCK
CRIMP POTENTIAL DROP
DIELECTRIC WITHSTANDING
VOLTAGE (ALTITUDE)
INSULATION RESISTANCE ELEVATED
TEMP.[200˚C (392˚F)]
VIBRATION (RANDOM)
PHYSICAL SHOCK
MOISTURE RESISTANCE
ALTITUDE IMMERSION
INSERT RETENTION
OZONE EXPOSURE
FLUID IMMERSION
GOLD PLATING POROSITY
TEMPERATURE LIFE W/CONTACT
LOADING
Conclusion
All subject test specimens, connector components,
materials, accessories and contacts covered by this
report satisfied and/or exceeded the specified
requirement.
The successful completion of the qualification pro-
gram as reported herein, demonstrates the capa-
bilities of the subject ITT Cannon DPK series
connectors to comply with stringent verification
qualification requirements in accordance with
MIL-C-83733. On the basis of testing, the DPK
connector series was granted full OPl status to
MIL-C-83733.
Mated condition. Five continuous cycles of temperature change. 30 mins.
exposure at each temp. extreme constitutes one cycle. Transfer time
between chambers 2 mins. max. temp. extremes: - 54 ± 3˚C and 200
±
3˚C (-??˚ +_ 5.4˚F and 392 ± 5.4˚F).
Fluid immersion rest fluids and procedures per Table 4:
Sample
No.
4-1P/R
4-2P/R
4-3P/R
4-4P/R
4-5P/R
4-6P/R
4-7P/R
4-8P/R
4-9P/R
4-10P/R
4-11P/R
4-12P/R
MIL-L-7808
MIL-L-23699
M2-V CHEVRON
MIL-H-5606
MIL-A-8243
MIL-C-25769
MIL-T-5624 (JP-5)
Coolanol-25
Regular (Leaded commercial auto-gasoline
Solvent (a) MIL-STD-202)
Solvent (b) MIL-STD-202)
Solvent (c) MIL-STD-202)
Test Fluid
Unwired. wouisembled contact bodies. One part (by volume) concentrated
Nitric Acid (S.G.-l.42) to we part distilled water. 30 secs. minimum
immersion period.
Wired mated condition, with contacts under specific load: #220 (5 lbs.);
#16 12.5 lbs. A current of 100 MA was applied during life of test. Test
duration, 1000 hours at temperature of + 200˚C (392˚F).
20% of the contacts in each connector measured. Test circuit per Fig. 2
measured across points X-X and X'-X'.
Max. crimp potential drop:
Same as at sea level conditions.
204 Megohms minimum at 500 Vdc.
Electrification time 120 secs. maximum,
No current discontinuity >_ 1.0 microsec. No
cracking, breaking or loosening of connector
parts.
No current discontinuity >_ 1.0 microsec. No
cracking, breaking or loosening of connector
parts.
Insulation resistance at final humidity cycle 102
Megohms minimum at 50 Vdc.
Insulation resistance 1.2 Gigohm minimum at 5
Vdc. DWV 1350 Vac/rms - 60 Hz,
electrification time 60 secs. minimum. No
breakdow, flashover or leadage <_ 2 mA,
No insert disiocation from normal position in the
connector shell.
No derterioration.
No detrimental damage of effects to connector
performance.
Axial
Mate and unimate forces after fluid immersion
175 1bf max.
No visible reaction (bubbles forming) to reagent.
Withstand temp life. No damage. No
discontinuity higher than 1.0 microsecond. No
contact dislodging order load.
Mated condition. 50% of contact complement measured. Performed
at simulated altitude of 70,000 ft. (33.7 mm Hg pressure) Test voltage 825
Vac/rms-60 Hz, applied between adjacent contact pairs and each contact
and connector shell.
Umnated condition. 50% of contact complement measured. Test points
identical to those measured at 25˚C (77˚F). Oven ambient controlled at
200˚C (392˚F). Stabilization period 30 minutes minimum.
Method 214, Test condition II, Letter 'G'. Test level envelope per figure and
table 214-2. Contact circuit senes wired far current discontinuity monitoring.
Eight hours duration in each of three mutually peipendicuiar axes. Connector
mating depth .450 (11.43) panel spacing.
Mated condition, .450 111.43) panel spacing. Shock pulse duration I I ± 1
mS, waveshape terminal peak smooth, peak amplitude 20g. Contact circuit
series wired for current discontinuity monitoring. One shock pulse in each of
three mutually perp. axes.
Method 106, (Step 7b) ommed) Mated condition. 10 days humidity and
temperature cycling. At end Step 6 final cycle at 25˚C (77˚F) and 90-98%
RH insulation resistance in asured 100% between each and ail other
contacts and the shell in parallel circuit.
Mated condition. Immersed in 5% sail solution by weight. Unsealed wire
ends exposed to chamber atmosphere. Simulated test altitude 75,000 ft,
(1.0 inch Hg). 30 mins. at altitude followed by 15 mins. at room ambient,
Repeat for total of 3 cycles. Insul. res. and OWV measured 100% of contact
complement at room ambient and submerged.
Unmated. 46 1bf/in. pressure lead applied to each inert face at 5
1bl/in./sec.. maintained for 5 secs. min. at specified load.
Unimated. Ozone concentration 0.010 to 0.015 percent by volume. Exposure
period 2 hours minimum at room temperature.
Contact/Wire-size
22D/28
22D/22
Test Current (Adc)
1.5
5.0
Wire
Size
28
22
M.V.
2.8
7.0
(Pins)
DPKB (sockets)
(Pins)
DPKB
(Ganged parallel test circuits)
Adc
1.5
1.5
Adc
5.0
5.0
Adj. Cont.
1.4G-10G
0.75G-10G
Cont./Shell
2.4G-4.0G
2.26G-5.0G
Range
1.7-2.1
1.1-1.6
Range
1.8-2.4
1.4-1.8
Avg.
1.8
1.3
Avg.
2.1
1.5
Withstand temperatre cycling. No damage.
No apparent damage.
Crimp mV drop range.
DPKA (sockets)
No evidence of breakdown or flashover. Leakage <_.5mA. (Ganged
Parallel test circuits)
Insul. Res. range (ohms) [200˚C (392˚F)]
DPKA
Insul. Res. range (ohms ) final humidity cycle.
DPKA
Final insul. Res ranges (ohms).
DPKA
DWV - No evidence of insert movement and /or dislocation from
normal position
No evidence of insert movement and/or dislocation from normal
position.
No evidence of ozone effects.
Other than evidence of normal light swelling of the connector resilent
seals, the samples did not exhibit any dertirmental affects. Mateability
was not imparied.
No evidence of reaction to reagent.
No evidence of contact dislodging and/or electrical disconinuity of 1.0
miscrosecond or greater during the speified temperature life exposure
under contact loading conditions. All post test requirements were met.
DPKA
4-1P/R
4-2P/R
4-3P/R
4-4P/R
4-5P/R
4-6P/R
DPKB
4-7P/R
4-8P/R
4-9P/R
4-10P/R
4-11P/R
4-12P/R
Mate
125
125
127
132
132
123
Mate
138
141
137
145
150
148
Unmated
27
31
35
35
63
55
Unmated
71
57
63.5
76
81
86
1.66-500G
Avg: 224G
1.5T-4.5T
Avg. 1.9T
After Fluid Immersion
Mating/Unmating forces
(Pound-Force)
1.6-500G
Avg: 190G
0.7-3.5T
Avg: 1.3T
DPKB
DPKB
Connectors met random vibration requirements. No electrical
discontinuity detected.
Connectors met physical shock requirenments. No electrical
discontinuity or damage detected.
Test or
Environment
Test Level or
Special Requirments
Parameters Limits
Measured Values
or Comments
(TABLE ll Continued)
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com