Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 72 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 72 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 68Page - ITT Industries 22017-2 Datasheet HTML 69Page - ITT Industries 22017-2 Datasheet HTML 70Page - ITT Industries 22017-2 Datasheet HTML 71Page - ITT Industries 22017-2 Datasheet HTML 72Page - ITT Industries 22017-2 Datasheet HTML 73Page - ITT Industries 22017-2 Datasheet HTML 74Page - ITT Industries 22017-2 Datasheet HTML 75Page - ITT Industries 22017-2 Datasheet HTML 76Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
ARINC 404
DPX
Panel Cutouts
72
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
All tolerances are +_ .015 (0.38) unless otherwise noted.
2.062 (52.38)
.750 TYP.
(19.05)
.469 TYP.
(11.91)
1.031
(26.16)
.120 (3.05) DIA.
8 HOLES
2.800
(71.10)
1.720 (43.70)
1.720 (43.70)
1.391
(35.33)
1.391
(35.33)
1.391
(35.33)
1.391
(35.33)
1.630
(41.40)
1.160
(29.46)
.120 (3.05)
6 HOLES
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
4 HOLES
.120 (3.05) DIA.
6 HOLES
For - 23 float mtg. mod. 1.78 (45.21).
1.890
(48.00)
2.350
(59.69)
.718
(18.24)
.718
(18.24)
.718
(18.24)
.718
(18.24)
2.783
(70.69)
2.783
(70.69)
2.783
(70.69)
1.391
(35.33)
2.783
(70.69)
2.783
(70.69)
1.780
(45.21)
1.780
(45.21)
1.970
(50.04)
2.500
(63.50)
2.500
(63.50)
2.550
(64.77)
.156 R. TYP.
(3.96)
1.830
(46.48)
.156 R. TYP.
(3.96)
.120 (3.05) DIA. 6 HOLES
OMIT CENTER
HOLES FOR - 33B
2.460
(62.50)
.718
(18.24)
1.437
(36.50)
1.437
(36.50)
1.437
(36.50)
1.437
(36.50)
1.437
(36.50)
.125 R. TYP.
(3.18)
.125 R. TYP.
(3.18)
2.062 (52.38)
1.031
(26.16)
.120 (3.05) DIA.
8 HOLES
.750 TYP
(19.05)
.469 TYP.
(11.91)
1.630
(41.40)
2.230
(56.60)
2.700
(68.60)
.156 R. TYP.
(3.96)
.750 TYP.
(19.05)
.469 TYP.
(11.91)
1.780
(45.20)
2.840
(72.10)
.120 (3.05) DIA
8 HOLES
1.031
(26.19)
2.062 (52.38)
DPX2
- 33 FRONT MOUNT
- 33A & -33B FRONT MOUNT
- 34A REAR MOUNT
(-34A FRONT MOUNT CONSULT FACTORY)
- 33B REAR MOUNT
- 33B REAR MOUNT
- 33A REAR MOUNG
- 34B FRONT MOUNT
- 33 REAR MOUNT
- 34 FRONT
OR REAR MOUNT
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
CL
1.160
(29.50)
1.260
(32.00)
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com