Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 82 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 82 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 78Page - ITT Industries 22017-2 Datasheet HTML 79Page - ITT Industries 22017-2 Datasheet HTML 80Page - ITT Industries 22017-2 Datasheet HTML 81Page - ITT Industries 22017-2 Datasheet HTML 82Page - ITT Industries 22017-2 Datasheet HTML 83Page - ITT Industries 22017-2 Datasheet HTML 84Page - ITT Industries 22017-2 Datasheet HTML 85Page - ITT Industries 22017-2 Datasheet HTML 86Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
BASIC RECEPTACLE SHELL DIMENSIONS
DPK TYPES
DPK/Mil-C-83733 TYPES
L
C
B
A
.562 ± .004
(14.27 ± 0.10)
.890 ± .005
(22.61 ± 0.13)
1.000 ± .010
(25.40 ± 0.25)
1.002 ± .008 - .017
(25.42 ± 0.20 - .43)
1.158 ± .012
(29.41 ± 0.30
.111 ± .008 - .007
(2.82 ± 0.20 - 0.18
.532 ± .008
(13.51 ± 0.20)
.281 ± .005 DIA.
(7.14 ± 0.13)
4 HOLES
.141 MAX.
(3.58)
.138 (3.50) - 32 CLINCH NUT
(4 PLACES) THREAD
JUNCTION SHELL
AND SCREW
.526 + .008 - .007
(13.36 + 0.20 - 0.18)
1.385 MAX.
(35.16)
1.135 MAX.
(28.83)
.312 ± .010R 4 PLCS.
(7.92 ± 0.25)
.188 ± .010 R. TYP.
(4.78 ± 0.25)
.197 ± .005 DIA.
(5.00 ± 0.13)
2 HOLES
.500 MAX.
(12.70)
POLARIZING POST
2 REQD.
COUPLING NUT
Junction shell and screws are not supplied on - G131 and -G185 layouts.
DPKA*P**
2.085 (52.96)
2.072 (52.63)
3.385 (85.98)
3.372 (85.65)
1.976 (50.19)
1.961 (49.81)
3.281 (83.34)
3.261 (82.83)
2.580 (65.58
2.570 (65.38)
3.880 (98.53)
3.870 (98.32)
3.030 (76.96)
3.000 (76.20)
4.330 (109.98)
4.300 (109.22)
2.150 (54.61)
2.130 (54.10)
3.450 (87.63)
3.430 (87.12)
DPKB*P**
†See Page 85 Style M and Z
SHELL SIZEA
B
C
L
N
Staggered †
JAM NUT
RECEPTACLE
REF.
PANEL NUT
PLUG
CONNECTOR
REF.
RECEPTACLE
CONNECTOR
REF.
PANEL
Mounting Style A
Mounting Style G
Standard Hole Mounting MIL-C-83733/1(USAF)
Mounting Style F Clinch Nut Mounting
MIL-C-83733/6(USAF)
Mounting Dimensions for Coupling Nut Assemblies
1
1
1
MIL-C-83733
DPK
Receptacle (Pin Contacts)
82
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com