Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 78 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 78 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 74Page - ITT Industries 22017-2 Datasheet HTML 75Page - ITT Industries 22017-2 Datasheet HTML 76Page - ITT Industries 22017-2 Datasheet HTML 77Page - ITT Industries 22017-2 Datasheet HTML 78Page - ITT Industries 22017-2 Datasheet HTML 79Page - ITT Industries 22017-2 Datasheet HTML 80Page - ITT Industries 22017-2 Datasheet HTML 81Page - ITT Industries 22017-2 Datasheet HTML 82Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
MIL-SPEC P/N
ITTC P/N
MIL-SPEC P/N
ITTC P/N
MIL-SPEC P/N
ITTC P/N
MIL-SPEC P/N
ITTC P/N
MATERIALS
Shell
Insulator
Contacts
Grommets and Seals
Mounting hardware
Shell Sizes
Coupling
Contact Arrangements
Contact Termination
A (DPKA); B (DPKB)
Friction, spring mount or jackscrew-coupling nut
A-18,32,51,G131
B-48,64,78,101,59W7,71,71C15,161
G185
Crimp
Shell
Contacts
Hardware
Max. current carrying capacity of contacts
Test Voltages (AC-RMS)
Altitude
(feet)
Sea level
50,000
70,000
110,000
M83733/1RA018
M83733/1RA032
M83733/1RA051
M83733/1RA131
M83733/1RB048
M83733/1RB064
M83733/1RB071
M83733/1RB71C
M83733/1RB078
M83733/1RB101
M83733/1RB185
M83733/2RA018
M83733/2RA032
M83733/2RA051
M83733/2RA131
M83733/2RB048
M83733/2RB064
M83733/2RB071
M83733/2RB71C
M83733/2RB078
M83733/2RB101
M83733/3RA018
M83733/3RA032
M83733/3RA051
M83733/3RA131
M83733/3RB048
M83733/3RB064
M83733/3RB071
M83733/3RB71C
M83733/3RB078
M83733/3RB101
M83733/3RB185
DPKA-18PG-7
DPKA-32PG-7
DPKA-51PG-7
DPKA-G131PG-7
DPKB-48PG-7
DPKB-64PG-7
DPKB-71PG-7
DPKB-71C15PG-7
DPKB-78PG-7
DPKB-101PG-7
DPKB-G185PG-7
DPKA-18SX-7
DPKA-32SX-7
DPKA-51SX-7
DPKA-G131SX-7
DPKB-48SX-7
DPKB-64SX-7
DPKB-71SX-7
DPKB-71C15SX-7
DPKB-78SX-7
DPKB-101SX-7
DPKA-18PX-7
DPKA-32PX-7
DPKA-51PX-7
DPKA-G131PX-7
DPKB-48PX-7
DPKB-64PX-7
DPKB-71PX-7
DPKB-71C15PX-7
DPKB-78PX-7
DPK- 101PX-7
DPKB-G185PX-7
M83733/4RA018
M83733/4RA032
M83733/4RA051
M83733/4RA131
M83733/4RA048
M83733/4RB064
M83733/4RB071
M83733/4RB71C
M83733/4RB078
M83733/4RB101
M83733/4RB185
M83733/5RA018
M83733/5RA032
M83733/5RA051
M83733/5RA131
M83733/5RB048
M83733/5RB064
M83733/5RB71C
M83733/5RB078
M83733/5RB101
M83733/5RB185
M83733/5RB071
M83733/6RA018
M83733/6RA032
M83733/6RA051
M83733/6RA131
M83733/6RB048
M83733/6RB064
M83733/6RB071
M83733/6RB71C
M83733/6RB078
M83733/6RB101
M83733/6RB185
DPKA-18SK-7
DPKA-32SK-7
DPKA-51SK-7
DPKA-G131 SK-7
DPKB-48SK-7
DPKB-64SK-7
DPKB-71SK-7
DPKB-71C15SK-7
DPKB-78SK-7
DPKB-101 SK-7
DPKB-G185SK-7
DPKA-18PC-7
DPKA-32PC-7
DPKA-51PC-7
DPKA-G131 PC-7
DPKB-48PC-7
DPKB-64PC-7
DPKB-71C15PC-7
DPKB-78PC-7
DPKB-101PC-7
DPKB-G185PC-7
DPKB-71PC-7
DPKA-18PF-7
DPKA-32PF-7
DPKA-51PF-7
DPKA-G131 PF-7
DPKB-48PF-7
DPKB-64PF-7
DPKB-71PF-7
DPKB-71C15PF-7
DPKB-78PF-7
DPKB-101 PF-7
DPKB-G185PF-7
M83733/7RA018
M83733/7RA032
M83733/7RA051
M83733/7RA131
M83733/7RB048
M83733/7RB064
M83733/7RB071
M83733/7RB71C
M83733/7RB078
M83733/7RB101
M83733/8RA018
M83733/8RA032
M83733/8RA051
M83733/8RB048
M83733/8RB064
M83733/8RB071
M83733/8RB71C
M83733/8RB078
M83733/8RB101
M83733/9RA018
M83733/9RA032
M83733/9RA051
M83733/9RB048
M83733/9RB064
M83733/9RB071
M83733/9RB71C
M83733/9RB078
M83733/9RB101
DPKA-18SY-7
DPKA-32SY-7
DPKA-51SY-7
DPKA-G131SY-7
DPKB-48SY-7
DPKB-64SY-7
DPKB-72SY-7
DPKB-71C15SY-7
DPKB-78SY-7
DPKB-101 SY-7
DPKA-18PY-7
DPKA-32PY-7
DPKA-51PY-7
DPKB-48PY-7
DPKB-64PY-7
DPKB-71PY-7
DPKB-71C15PY-7
DPKB-78PY-7
DPKB-101PY-7
DPKA-1BPM-7
DPKA-32PM-7
DPKA-51PM-7
DPKB-48PM-7
DPKB-64PM-7
DPKB-71PM-7
DPKB-71C15PM-7
DPKB-78PM-7
DPKB-101PM-7
M83733/10RA018
M83733/10RA032
M83733110RA051
M83733/10RB048
M83733/10RB064
M83733/10RB071
M83733/10RB71C
M83733/10RB078
M83733/10RB101
M83733/11RA018
M83733/11RA032
M83733/11RA051
M83733/11RB048
M83733/11RB064
M83733/11RB071
M83733/11RB71C
M83733/11RB078
M83733/11RB101
M83733/12RA018
M83733/12RA032
M83733/12RA051
M83733/12RB048
M83733/12RB064
M83733/12RB071
M83733/12RB71C
M83733/12RB078
M83733/12RB101
DPKA- 18PH-7
DPKA-32PH-7
DPKA-51PH-7
DPKB-48PH-7
DPKB-64PH-7
DPKB-71PH-7
DPKB-71C15PH-7
DPKB-78PH-7
DPKB-101PH-7
DPKA-18PZ-7
DPKA-32PZ-7
DPKA-51PZ-7
DPKB-48PZ-7
DPKB-64PZ-7
DPKB-71PZ-7
DPKB-71C15PZ-7
DPKB-78PZ-7
DPKB-101 PZ-7
DPKA-18SH-7
DPKA-32SH-7
DPKA-51SH-7
DPKB-48SH-7
DPKB-64SH-7
DPKB-71SH-7
DPKB-71C15SH-7
DPKB-78SH-7
DPKB-101SH-7
-
87.5
35.5
5.74
1300
800
800
800
1800
1000
1000
1000
1300
550
350
200
1800
600
400
200
1000
350
250
150
Equivalent
Pressure
(Torr)
Service Ratings (M&l)
Mated
Ml
l
M
Unmated
Unmated
161
Arrangement
Contact Size:
Amperage:
#12
23
#16
13
#20
7.5
#22
5.0
Number of contacts: 18 thru 185
Contact
Sizes
22D
20
16
12
12
Shielded
22,24,26
20,22,24
16,18
12,14
RG-179/U
.030(0.76)
.040(1.02)
.063(1.60
.081(2.06)
.081(2.06)
.060(1.52)
.083(2.11)
.103(2.62)
.158(4.01)
.158(4.01)
Wire Accommodation
(AWG)
Min.
Max.
Sealing Range
Wire Diameter
Electroless nickel plate per
MIL-C-26074, Class 3
Gold over suitable underplate per
MIL-C-39029
Passivate/Cadmium plate
Diecast aluminum alloy A-380 per QQ-A-591
Thermosetting Plastic/Thermoplastic
Copper allowy per QQ-C-533
Silicone base elastomer
Stainless stell/Alloy steel
FINISHES
ELECTRICAL
MECHANICAL FEATURES
MIL-C-83733
DPK
Performance and Material Specifications
78
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Cross Reference From Military to Cannon Part Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com