Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 60 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 60 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 56Page - ITT Industries 22017-2 Datasheet HTML 57Page - ITT Industries 22017-2 Datasheet HTML 58Page - ITT Industries 22017-2 Datasheet HTML 59Page - ITT Industries 22017-2 Datasheet HTML 60Page - ITT Industries 22017-2 Datasheet HTML 61Page - ITT Industries 22017-2 Datasheet HTML 62Page - ITT Industries 22017-2 Datasheet HTML 63Page - ITT Industries 22017-2 Datasheet HTML 64Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 120 page
background image
NOTES:
*P for pin; S for socket.
A
*RG-59/U
RG-62/U
P-249-1397-000
S-249-1398-000
P-249-1399-000
S-249-1400-000
P-249-1401-000
S-249-1402-000
P-249-1403-000
S-249-1404-000
P-249-1405-000
S-249-1406-000
P-249-1633-000
S-249-1634-000
Ring Loc
.760 (19.30)
CA58073
CCT-HX4-524
CCT-408M
CCT-HX4-524
CCT-408M
CCT-HX4-524
CCT-408M
CA58073
CCT-HX3-156
CA58073
CCT-HX3-156
CCT-HX4-524
CCT-408M
Solder
Crimp
CA58073
CET-C4
(038869-0004)
CET-C4
(038869-0004)
CET-C4
(038869-0004)
CET-C8
(323-7011-000)
CET-C8
(323-7011-000)
CET-C8
(323-7011-000)
CET-C8
(323-7011-000)
CET-C8
(323-7011-000)
.158 (4.01)
.148 (3.76)
.128 (3.25)
.118 (3.00)
.128 (3.25)
.118 (3.00)
.072 (1.83)
.062 (1.57)
.072 (1.83)
.062 (1.57)
.072 (1.83)
.062 (1.57)
.128 (3.25)
.118 (3.00)
.072 (1.83)
.062 (1.57)
.158 (4.01)
.148 (3.76)
.130 (3.30)
.120 (3.05)
.158 (4.01)
.148 (3.76)
.130 (3.30)
.120 (3.05)
.130 (3.30)
.120 (3.05)
.275 (6.53)
.247 (6.27)
.211 (5.36)
.201 (5.10)
.166 (4.22)
.156 (3.96)
.121 (3.07)
.111 (2.82)
.091 (2.31)
.081 (2.06)
.121 (3.07)
.111 (2.82)
.235 (5.97)
.215 (5.46)
.091 (2.31)
.081 (2.06)
.238 (6.04)
.228 (5.79)
.238 (6.04)
.228 (5.79)
.238 (6.04)
.228 (5.79)
.211 (5.36)
.201 (5.10)
.273 (6.93)
.263 (6.68)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.760 (19.30)
.775 (19.68)
.592 (15.04)
.592 (15.04)
.592 (15.04)
.592 (15.04)
.500 (12.70)
798 (20.27)
Ring Loc
Ring Loc
Ring Loc
Ring Loc
Ring Loc
LITTLE
CAESAR
LITTLE
CAESAR
LITTLE
CAESAR
LITTLE
CAESAR
LITTLE
CAESAR
LITTLE
CAESAR
Ring Loc
S-249-1608-000
P-249-1670-000
S-249-1671-000
P-249-1474-000
S-249-1471-000
P-249-1958-000
S-249-1959-000
P-249-1960-000
S-249-1961-000
P-249-1631-000
S-249-1632-000
P-249-1388-000
S-249-1390-000
*RG-58/U
RG-174/U, RG-187/U
RG-179/U, RG-188/U
RG-174/U, RG-187/U
RG-179/U, RG-188/U
*RG-58/U with nylon
braid over jacket
*RG-180/U
RG-195/U
RG-178/U
RG-196/U
*RG-178/U
RG-196/U
RG-59/U
RG-62/U
RG-55/U
RG-142/U
RG-59/U
RG-62/U
RG-58/U
RG-58/U
B
C
D
E
H
P
R
F
S
T
G
J
B16W3
25W3
32W2
40W1
B16W3
25W3
32W2
40W1
W8
32W4
W8
32W4
W8
32W4
W8
32W4
W16W3
25W3
32W2
40W1
X
Y DIA.
Z DIA.
X
Y DIA.
Z DIA.
X
Y DIA.
Z DIA.
X
Y DIA.
Z DIA.
Arr.
Used In
Code
Letter
Cable
Accommodation
Contact
Retention
X
Max.
Y
Dia.
Z
Dia.
Extraction
Tool
Part Number*
Crimp Tool
Codes A, B, C, D, E, H, P, R
Codes F, S, T
*IMPORTANT: These coaxials can only be used in the DPX*MAS or DPX*MB Connector Series.
Codes G
Codes J
1. The "X" dimension is take from the rear of the shell.
2. Codes G and S are inactive for new design. Use codes AD and AE.
3. Code AA is designed for installations that have limited space in the terminal area. Use code AG for standard installations.
ARINC 404
DPX*MA Crimp
Coaxial Contacts
60
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com