Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 65 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 65 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 61Page - ITT Industries 22017-2 Datasheet HTML 62Page - ITT Industries 22017-2 Datasheet HTML 63Page - ITT Industries 22017-2 Datasheet HTML 64Page - ITT Industries 22017-2 Datasheet HTML 65Page - ITT Industries 22017-2 Datasheet HTML 66Page - ITT Industries 22017-2 Datasheet HTML 67Page - ITT Industries 22017-2 Datasheet HTML 68Page - ITT Industries 22017-2 Datasheet HTML 69Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
ARINC 404
DPX*MA Crimp
Coaxial Cable Assembly Recommendations (Continued)
65
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
For Code V
1. Trim cable to dimensions shown below.
A. Push ferrule under braid as far as it will go and press braid down tightly around ferrule.
B. Solder ends of braid to ferrule by applying a small amount of solder. Avoid excess solder as it would
cause braid to swell up.
C. Remove any solder exceeding the .349 (8.86) max. diameter.
D. Check the .075 (1.90) max. dielectric extension, retrim if necessary.
3. A. Place rear insulator over dielectric and conductor into contact.
B. Solder contact to conductor through access hole.
C. Remove excess solder from outside of contact.
4. A. Place front insulator over contact.
B. Push parts into coaxial shell.
C. While holding parts firmly against stop shoulder in coaxial shell, place jaw of crimp tool at back end
of shell and crimp, use Buchanan crimp tool #612991 [.343 (8.71) across hex].
For Codes AB, AD, AE, AF and AG
Setp 1 - Trim cable as shown.
Step 2 - Flare out ends of braid to permit entry of ferrule.
Step 3 - Complete termination per instructions as shown below.
a. Push ferrule under braid as far as it will go. Trim off braid extending beyond shoulder of ferrul, if
necessary.
b. While holding ferrule in place pull crimp sleeve forward over braid until it is tight against shoulder on
ferrule. Push firmly against face of ferrule to make sure it is up tight.
c. Trim dielectric to the .035 (0.89)/ .030 (0.76) dimension.
d. Carefully push inner conductor through rear insulator.
e. While holding rear insulator firmly against ferrule, trim conductor to .156 (3.96)/.146 (3.71)
dimension.
f. Place contact over conductor and solder.
g. Place front insulator over contact and then push assembly into coaxial shell.
h. Place parts in jaw of crimp tool. Locate jaws at start of chamfer on crimp sleeve. Press
Sleeve firmly into coaxial shell and crimp. Use Daniels crimp tool HX4-210.
Code
Letter
A
B, C, D & P
E
F
G
H & R
J
K
L
S
U
V
T
AA, AC
AB, AD, AE, AF, AG
.420/.400
.420/.400
.420/.400
.785/.745
.490/.470
.581/.561
.326/.306
.410/.390
.385/.365
.678/.658
.940/.920
.550/.540
.598/.578
.432/.415
.460/.440
.480/.460
.275/.255
.275/.255
.345/.325
.250/.230
.290/.270
.244/.224
.275/.255
.760/.740
.415/.405
.300/.280
.330/.310
.330/.310
.330/.310
.228/.208
.156/.136
.156/.136
.088/.068
.088/.068
.074/.064
.156/.136
.080/.060
.250/.240
.228/.208
See page 60 for dimensions
See page 60 for dimensions
.10.67/10.16
10.67/10.16
10.67/10.16
19.94/18.92
12.45/11.94
14.76/14.25
8.28/7.77
10.41/9.91
9.78/9.27
17.22/16.71
23.88/23.37
13.97/13.72
15.19/14.68
11.05/10.54
11.68/11.18
12.19/11.68
6.98/6.48
6.98/6.48
8.76/8.26
6.35/5.84
7.37/6.86
6.20/5.69
6.98/6.48
19.30/18.80
10.54/10.29
7.62/7.11
8.38/7.87
8.38/7.87
8.38/7.87
5.79/5.28
3.96/3.45
3.96/3.45
2.24/1.73
2.24/1.73
1.88/1.63
3.96/3.45
2.03/1.52
6.35/6.10
5.79/5.28
INNER CONDUCTOR
CRIMP AREA
REAR INSULATOR
CONTACT
Crimp Sleeve
.400 APPROX.
(10.16)
FRONT INSULATOR
0.75 MAX.
(1.90)
.349 DIA. MAX
(8.86)
SOLDER ALL AROUND
FERRULE
FERRULE
.156 (3.96)
.146 (3.71)
.035 (0.89)
.030 (0.76)
.260 (6.60)
.250 (6.35)
.610 (15.49)
.590 (14.99)
FRONT INSULATOR
COAXIAL SHELL
.350 APPROX
(8.89)
DIELECTRIC
BRAID
JACKET
C
A
B
Inches
Millimeters
AB
C
AB
C
Cable Trim Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com