Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22017-2 Datasheet(PDF) 87 Page - ITT Industries

Part # 22017-2
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017-2 Datasheet(HTML) 87 Page - ITT Industries

Back Button 22017-2 Datasheet HTML 83Page - ITT Industries 22017-2 Datasheet HTML 84Page - ITT Industries 22017-2 Datasheet HTML 85Page - ITT Industries 22017-2 Datasheet HTML 86Page - ITT Industries 22017-2 Datasheet HTML 87Page - ITT Industries 22017-2 Datasheet HTML 88Page - ITT Industries 22017-2 Datasheet HTML 89Page - ITT Industries 22017-2 Datasheet HTML 90Page - ITT Industries 22017-2 Datasheet HTML 91Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
MIL-C-83733
DPK
87
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Style M
Mounting style M is designed for rack-to-panel
applications. Connectors are supplied with two .281
(7,14) diameter holes which are staggered and will
accommodate eight two MS24700-2 bushings or
two 231-0019-000 spring mounts.
Style X
Mounting style X is designed for rack-to-panel
applications where positive alignment is required
before connectors are mated. Plug has two guide
pins and two spring mounts (MIL-STO-1533); re-
ceptacle has two guide sockets and two .197 (5.00)
dia. holes.
Style Y
Mounting style Y is identical to mounting style X,
Xcept the guide sockets are on the plug and the
guide pin and springs are on the receptacle.
Style Z
Mounting style Z is designed for use in rack-to-
panel applications. Connectors are supplied with
two captive clinch nuts which are staggered.
Plug
Socket Contacts
Receptacle
Pin Contacts
Plug
Socket Contacts
Receptacle
Pin Contacts
Ordered Separately
Supplied with Connector
M83733/9
M83733/3
M83733/2
Plug
Socket Contacts
Receptacle
Pin Contacts
Receptacle
Pin Contacts
MIL-C-83733
Connector Type
DPK Mtg.
Style
DPK Mtg.
Style
Mating MIL-C-83733
Connector
M83733/1 RECEPTACLEG
K
X
X
G
C
F
K
K
Y
Y
H
H
H
M
H
Z
M83733/4
M83733/3
M83733/2
M83733/1
M83733/5
M83733/6
M83733/4
M83733/4
M83733/8
M83733/7
M83733/12
M83733/12
M83733/12
M83733/9
M83733/10
M83733/11
X
X
K
C
F
Y
Y
M
H
H
Z
M83733/2 PLUG
M83733/3 RECEPTACLE
M83733/4 PLUG
M83733/5 RECEPTACLE
M83733/6 RECEPTACLE
M83733-07 PLUG
M83733-08 RECEPTACLE
M83733-09 RECEPTACLE*
M83733-10 RECEPTACLE*
M83733-11 RECEPTACLE*
M83733-12 RECEPTACLE
*Not recommended for G131 and G185 layouts.
M83733/8
M83733/11
M83733/7
Guide Pins
320-1070-000
Guide Pins
226-0348-000
Guide Sockets
226-0349-000
Guide Sockets
320-1069-000
Bushing MS24700-2
(Self-Locking)
012-0515-000
Spring Mount Assembly
MIL-C-83733/17
231-00019-000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com