| Electronic Components Datasheet Search |
|
22017-2 Datasheet(PDF) 63 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017-2 Datasheet(HTML) 63 Page - ITT Industries |
|
63 / 120 page ![]() Components/Accessories LITTLE CAESAR® CONTACT RETENTION (A32W4 & AW8 CONTACT ARRANGEMENTS) Coaxial Contact Assembly and Extraction Recommendations WITHOUT SEAL Cable Trim Dimensions SEALED Part Number* Without Seal†† (MA) Sealed (ME) Seal 1 Seal 2 Ins. Dia. Size/Max. 'A' Trim Dim. Cable Accommodation† 32W4** (MA Version) A32W4 (ME Version) 1 1 2 3 4 5 6 7 8 10 8 16 25 7 9 15 24 22 28 29 30 31 32 23 W8** (MA Version) AW8 (ME Version) P-249-1633-004 S-249-1634-003 P-249-1982-000 S-249-1983-000 P-249-2017-001 S-249-2018-001 P-249-2019-001 S-249-2020-001 P-249-2061-001 S-249-2062-001 1. Use Crimp Tool No. DIE Y211 (995-0002-249), Tool M22520 / 5-01 (995- 0001-761). 2. Use extraction tool No. CET-C8. An insertion tool is not required. (See Note 5). 3. Center contact, rear insulator, crimp ring, support bushing (not applicable to RG58/RG142 coaxials), seal sleeve, front insulator, shell and ferrule are shipped unassembled in a common container. 4. Cable Assembly Instructions: Step 1 - If applicable, determine which portion of seal sleeve should be used. If seal 2 is used, cut off seal 1 portion. Step 2 - In sequence, place seal sleeve, support bushing and crimp ring over cable jacket. Step 3 - Trim cable per illustration. Step 4 - Comb out braid and flare out ends to permit entry of ferrule. Step 5 - Complete termination per illustration. (See below) 5. To extract: coaxial, push back seal sleeve and support bushing. Slip cable into ex- traction tool. Push tool into insert until it contacts coaxial retaining shoulder. Grip both cable and tool with one hand and pull coaxial rearward out of insert cavity. 6. To facilitate extraction of contacts and avoid splaying, the length of free cable adjacent to the rear surface of the connector should not be less than 2.000 (50.80). A. Carefully push inner conductor through rear insulator. B. While holding rear insulator firmly against ferrule, trim conductor to .156 (3.96)/.146 (3.71) dimension. C. Place contact over conductor and solder. .035 (0.89) .030 (0.76) .156 (3.96) .146 (3.71) FERRULE BRAID CONTACT REAR INSULATOR CRIMP AREA FRONT INSULATOR COAXIAL SHELL .350 (8.89) APPROX. A. Push ferrule under braid as far as it will go. Trim off braid extending beyond shoulder of ferrule, if necessary. B. While holding ferrule in place pull crimp sleeve forward over braid until it is tight against shoulder an ferrule. Pull firmly against face of ferrule to make sure it is up tight. C. Trim dielectric to the .035 (0.89)/.030 (0.76) dimension. A. Place front insulator over contact and then push assembly into coaxial shell. B. Place parts in jaw of crimp tool. Locate jaws at start of chamfer on crimp sleeve. Press sleeve firmly into coaxial shell and crimp. C. After assembled coaxial is inserted into connector, push support bushing into grommet until shoulder rests on tubular extension. Then pull sealing sleeve forward until it is snug on grommet. SOCKET SOCKET BUSHING BUSHING SEAL SEAL 1 SEAL 2 PIN PIN SOCKET .610 (15.49) .590 (14.99) A PIN *P for Pin. S for Socket Unsealed accommodates both Seal 1 & Seal 2 cables. For use with connector supplied less grommet (Code-29**, etc.). P-249-1633-003 S-249-1634-002 P-249-1982-001 S-249-1983-001 P-249-2017-000 S-249-2018-000 P-249-2019-000 S-249-2020-000 P-249-2061-000 S-249-2062-000 RG179 RG180B RG58C RG142B RG178B RG174, RG316, RG179B RG195 X X X .111 (2.82) .158 (8.89) .196(4.98) .196 (4.98) .075 (1.90) .350 (8.89) .330 (8.38) .260 (6.60) .250 (6.35) .260 (6.60) .250 (6.35) .260 (6.60) .250 (6.35) .260 (6.60) .250 (6.35) { { { { ARINC 404 DPX*ME Crimp DPX*MA/ME Coaxial Contact Data (for environmental requirements) 63 www.ittcannon.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |