Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 18 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 18 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 14Page - Active-Semi, Inc ACT8600 Datasheet HTML 15Page - Active-Semi, Inc ACT8600 Datasheet HTML 16Page - Active-Semi, Inc ACT8600 Datasheet HTML 17Page - Active-Semi, Inc ACT8600 Datasheet HTML 18Page - Active-Semi, Inc ACT8600 Datasheet HTML 19Page - Active-Semi, Inc ACT8600 Datasheet HTML 20Page - Active-Semi, Inc ACT8600 Datasheet HTML 21Page - Active-Semi, Inc ACT8600 Datasheet HTML 22Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 18 -
www.active-semi.com
STEP-UP DC/DC ELECTRICAL CHARACTERISTICS
(VVP1 = VVP2 = VVP3 = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage Range
2.7
6
V
Operating Supply Current
0.8
1.7
mA
Standby Supply Current
No switching
80
150
µA
Shutdown Current
VVP = 5.5V, Regulator Disabled
0.1
1
µA
Output Voltage Accuracy
VOUT = 5V, IOUT = 10mA
-3%
VNOM
3%
V
Line Regulation
0.019
%/V
Load Regulation
0.17
%/mA
Power Good Threshold
VOUT Rising
93
%VNOM
Power Good Hysteresis
VOUT Falling
7.5
%VNOM
Switching Frequency
1.032
1.110
1.188
MHz
Minimum On-Time
80
ns
Minimum Off-Time
40
ns
Maximum Output Current
VOUT = 5V
0.6
A
Current Limit
1.35
A
Switch On-Resistance
ISW4 = 100mA
0.48
Ω
SW4 Leakage Current
VBAT = 3.6V, VSW4 = 5V, REG4 disabled
10
µA
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com