Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 25 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 25 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 21Page - Active-Semi, Inc ACT8600 Datasheet HTML 22Page - Active-Semi, Inc ACT8600 Datasheet HTML 23Page - Active-Semi, Inc ACT8600 Datasheet HTML 24Page - Active-Semi, Inc ACT8600 Datasheet HTML 25Page - Active-Semi, Inc ACT8600 Datasheet HTML 26Page - Active-Semi, Inc ACT8600 Datasheet HTML 27Page - Active-Semi, Inc ACT8600 Datasheet HTML 28Page - Active-Semi, Inc ACT8600 Datasheet HTML 29Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 25 -
www.active-semi.com
(TA = 25°C, unless otherwise specified.)
REG1 Efficiency vs. Output Current
REG2 Efficiency vs. Output Current
100
80
60
40
20
0
100
80
60
40
20
0
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
VOUT = 1.4V
VOUT = 3.3V
VIN = 3.6V
REG3 Efficiency vs. Output Current
100
80
60
40
20
0
Output Current (mA)
1
10
100
1000
VOUT = 1.8V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
VBUS Voltage vs. IVBUS Current
(Supplied from 5VIN)
5.0
4.9
4.8
4.7
4.6
4.5
4.4
5.1
5.2
5.3
IVBUS Current (mA)
0
100
200
300
400
500
600
700
VBUS Voltage vs. IVBUS
(CHGIN Supply)
5.1
5.0
4.9
4.8
4.7
4.6
4.5
5.2
5.3
IVBUS Current (mA)
0
100
200
300
400
500
600
700
Output Current (mA)
1
10
100
10000
1000
VIN = 4.2V
VIN = 5.0V
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
REG4 Efficiency vs. Output Current
100
80
60
40
20
0
Output Current (mA)
1
10
100
1000
VOUT = 5V
VIN = 3.6V
VIN = 4.2V
VIN = 3.0V
Output Current (mA)
1
10
100
10000
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com