Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 37 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 37 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 33Page - Active-Semi, Inc ACT8600 Datasheet HTML 34Page - Active-Semi, Inc ACT8600 Datasheet HTML 35Page - Active-Semi, Inc ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc ACT8600 Datasheet HTML 38Page - Active-Semi, Inc ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 37 -
www.active-semi.com
Table 3:
SYSLEV Falling Threshold
Thermal Protection
The
ACT8600
integrates
thermal
shutdown
protection circuitry to prevent damage resulting
from excessive thermal stress, as may be
encountered under fault conditions.
Thermal Interrupt
If the thermal interrupt is unmasked (by setting
nTMSK[ ] to 1), ACT8600 can generate an interrupt
when the die temperature reaches 120°C (typ).
Thermal Protection
If the ACT8600 die temperature exceeds 160°C, the
thermal protection circuitry disables all regulators
and prevents the regulators from being enabled until
the IC temperature drops by 20°C (typ).
SYSLEV[3:0]
SYSLEV Falling Threshold
1000
3.3
1001
3.4
1010
3.5
1011
3.6
1100
3.7
1101
3.8
1110
3.9
1111
4.0
FUNCTIONAL DESCRIPTION CONT’D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com