Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 34 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 34 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 30Page - Active-Semi, Inc ACT8600 Datasheet HTML 31Page - Active-Semi, Inc ACT8600 Datasheet HTML 32Page - Active-Semi, Inc ACT8600 Datasheet HTML 33Page - Active-Semi, Inc ACT8600 Datasheet HTML 34Page - Active-Semi, Inc ACT8600 Datasheet HTML 35Page - Active-Semi, Inc ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc ACT8600 Datasheet HTML 38Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 34 -
www.active-semi.com
The ACT8600 is optimized for use in applications
using the Ingenic JZ4770 processor, supporting
both the power domains as well as the signal
interface for these processors.
The following paragraphs describe how to design
ACT8600 with JZ4770 processor.
While the ACT8600 supports many possible
configurations for powering these processors, one
of the most common configurations is detailed in
this datasheet.
Control Signals
Master Enable (PWREN) Input
PWREN is a logic input which turns ON REG1,
REG2, REG3, and REG5 when asserted. All
regulators except the RTC LDOs (REG9) will be
turned OFF when PWREN is de-asserted.
nRSTO Output
The power on reset pin, nRSTO is an open-drain
output. Connect a 10kΩ or greater pull-up resistor
from nRSTO to REG9.
- The nRSTO output pin is asserted low only when
the REG9 voltage is below 1.67V
- If REG1 is above its power-OK threshold when
the reset timer (40ms) expires, nRSTO is de-
asserted.
nIRQ Output
nIRQ is an open-drain output that asserts low any
time an interrupt is generated. Connect a 10kΩ or
greater pull-up resistor from nIRQ to the I/O rail.
nIRQ is typically used to drive the interrupt input of
the system processor.
Many of the ACT8600's functions support interrupt-
generation as a result of various conditions. These
are typically masked by default, but may be
unmasked via the I2C interface. For more
information about the available fault conditions,
refer to the appropriate sections of this datasheet.
Power Control Sequences
When the VVSYS rises above the UVLO, or REG9
rises above 93% of its default value (in the case
when a charged backup battery is installed),
nRSTO is asserted low immediately and REG9 is
enabled. REG1, REG2 and REG3 will be enabled
when PWREN = 1 and VVSYS is above 3.45V. When
REG1 reaches 93% of the default value, REG5 will
be enabled, and nRSTO is de-asserted after a
40ms delay.
Once the system is turned ON, the processor may
shut down the system by pulling down PWREN. In
that case, all of the regulators, except REG9 will be
turned off (REG9 is the always ON LDO). When
PWREN is pulled high again, OUT1/2/3/5 will be
turned ON again but nRSTO remains de-asserted
as long as REG9 is within regulation.
SYSTEM CONTROL INFORMATION
Interfacing with the Ingenic JZ4770 Processor
Table 1:
ACT8600 and Ingenic JZ4770 Power Domains
POWER DOMAIN ACT8600 CHANNEL
TYPE
DEFAULT VOLTAGE
CURRENT CAPABILITY
CPU Core
REG1
Step-Down DC/DC
1.2V
1200mA
IO / AVDAUD
REG2
Step-Down DC/DC
3.3V
1200mA
MEM
REG3
Step-Down DC/DC
1.8V
950mA
USB OTG
REG4
Step-Up DC/DC
5V
600mA
AVD
REG5
LDO
2.5V
350mA
General Purpose
REG6
LDO
1.8V
350mA
General Purpose
REG7
LDO
1.8V
250mA
General Purpose
REG8
LDO
1.8V
250mA
VDDRTC
REG9
LDO
3.3V
5mA
VDDRTC12
REG10
LDO
1.2V
5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com