Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 16Page - Active-Semi, Inc ACT8600 Datasheet HTML 17Page - Active-Semi, Inc ACT8600 Datasheet HTML 18Page - Active-Semi, Inc ACT8600 Datasheet HTML 19Page - Active-Semi, Inc ACT8600 Datasheet HTML 20Page - Active-Semi, Inc ACT8600 Datasheet HTML 21Page - Active-Semi, Inc ACT8600 Datasheet HTML 22Page - Active-Semi, Inc ACT8600 Datasheet HTML 23Page - Active-Semi, Inc ACT8600 Datasheet HTML 24Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 20 -
www.active-semi.com
LOW-IQ LDO ELECTRICAL CHARACTERISTICS
(
VVSYS = 3.6V, COUT9 = COUT10 = 1µF, TA = 25°C, unless otherwise specified.)
: VNOM refers to the nominal output voltage level for VOUT as defined by the Ordering Information section.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REG9 (VDDRTC18) —
VNOM = 3.3V
Operating Voltage Range
VOUT =1.8V
2.5
5.5
V
Output Voltage Accuracy
IOUT = 1mA
-2.5
VNOM
3.5
%
Line Regulation
VVSYS = VOUT + 1.2V to VVSYS = 5.5V
0.2
%/V
Supply Current from VSYS
VVSYS = VOUT + 1.2V
2
VVSYS < VOUT + 0.7V
10
Maximum Output current
5
mA
Stable COUT Range
0.47
µF
REG10 (VDDRTC12) —
VNOM = 1.2V
Operating Voltage Range
1.7
5.5
V
Output Voltage Accuracy
IOUT = 1mA
-3.5
VNOM
2.5
%
Line Regulation
VIN = VOUT + 0.5V to VIN = 5.5V
0.2
%/V
Supply Current from VOUT9
2
µA
Maximum Output current
5
mA
Stable COUT Range
0.22
µF
µA
OTG SUBSYSTEM ELECTRICAL CHARACTERISTICS
(VINL = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
5VIN to VBUS (Q1)
Switch on resistance
5VIN = 5V, ILOAD = 100mA
0.23
Ω
Current Limit Threshold
500
700
mA
Current Limit Delay
256
ms
CHGIN to VBUS (Q2)
Switch on resistance
CHGIN = 5V, ILOAD = 100mA
0.34
Ω
Current Limit Threshold
500
700
mA
Current Limit Delay
256
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com