Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 20Page - Active-Semi, Inc ACT8600 Datasheet HTML 21Page - Active-Semi, Inc ACT8600 Datasheet HTML 22Page - Active-Semi, Inc ACT8600 Datasheet HTML 23Page - Active-Semi, Inc ACT8600 Datasheet HTML 24Page - Active-Semi, Inc ACT8600 Datasheet HTML 25Page - Active-Semi, Inc ACT8600 Datasheet HTML 26Page - Active-Semi, Inc ACT8600 Datasheet HTML 27Page - Active-Semi, Inc ACT8600 Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 24 -
www.active-semi.com
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
Q2 Dropout Voltage vs. IVBUS
Q1 Dropout Voltage vs. IVBUS
100
80
60
40
20
0
120
140
IVBUS (mA)
0
50
100 150 200 250 300 350 400 450 500
IVBUS (mA)
0
50
100 150 200 250 300 350 400 450 500
100
80
60
40
20
0
120
140
160
180
Q1 Quiescent Current vs. 5VIN Voltage
64
62
60
58
56
54
66
68
5VIN Voltage (V)
4
4.3
4.6
4.9
5.2
5.5
Q2 Quiescent Current vs. CHGIN Voltage
50
40
30
20
10
0
60
70
80
90
CHGIN Voltage (V)
5
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
Q1 Shutdown Current vs. 5VIN Voltage
8
7
6
5
4
3
2
5VIN Voltage (V)
4
4.3
4.6
4.9
5.2
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com