Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 7 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 7 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 3Page - Active-Semi, Inc ACT8600 Datasheet HTML 4Page - Active-Semi, Inc ACT8600 Datasheet HTML 5Page - Active-Semi, Inc ACT8600 Datasheet HTML 6Page - Active-Semi, Inc ACT8600 Datasheet HTML 7Page - Active-Semi, Inc ACT8600 Datasheet HTML 8Page - Active-Semi, Inc ACT8600 Datasheet HTML 9Page - Active-Semi, Inc ACT8600 Datasheet HTML 10Page - Active-Semi, Inc ACT8600 Datasheet HTML 11Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 7 -
www.active-semi.com
PIN DESCRIPTIONS CONT’D
PIN
NAME
DESCRIPTION
21
SW4
Switch Node for REG4.
22
OUT4
REG4 Output.
23
NC
No Connect.
24
OUT2
Output Voltage Sense for REG2.
25
VP2
Power Input for REG2. Bypass to GP12 with a high quality ceramic capacitor placed to the IC as
close as possible.
26
SW2
Switch Node for REG2.
27
GP12
Power Ground for REG1 and REG2. Connect GA, GP12 and GP3 together at a single point as
close to the IC as possible.
28
SW1
Switch Node for REG1.
29
VP1
Power Input for REG1. Bypass to GP12 with a high quality ceramic capacitor placed to the IC as
close as possible.
30
OUT1
Output Voltage Sense for REG1.
31
PWREN
Master enable pin.
32
nIRQ
Open-Drain Interrupt Output.
33
OUT10
REG10 Output. Bypass it to GA with a 0.47μF capacitor.
34
OUT9
REG9 Output. Bypass it to GA with a 1μF capacitor.
35
5VIN
5V Input pin for OTG switch (optionally from OUT4 or external 5V source).
36
VBUS
USB VBUS.
37
CHGIN
Power Input for the Battery Charger. Bypass CHGIN to GA with a capacitor placed as close to
the IC as possible. The battery charger is automatically enabled when a valid voltage is present
on CHGIN .
38, 39
VSYS
System Output Pins. Bypass to GA with a 10μF or larger ceramic capacitor.
EP
EP
Exposed Pad. Must be soldered to ground on PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com