Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8600 Datasheet(PDF) 28 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 28 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 24Page - Active-Semi, Inc ACT8600 Datasheet HTML 25Page - Active-Semi, Inc ACT8600 Datasheet HTML 26Page - Active-Semi, Inc ACT8600 Datasheet HTML 27Page - Active-Semi, Inc ACT8600 Datasheet HTML 28Page - Active-Semi, Inc ACT8600 Datasheet HTML 29Page - Active-Semi, Inc ACT8600 Datasheet HTML 30Page - Active-Semi, Inc ACT8600 Datasheet HTML 31Page - Active-Semi, Inc ACT8600 Datasheet HTML 32Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 28 -
www.active-semi.com
1.300
1.250
1.200
1.150
1.100
(TA = 25°C, unless otherwise specified.)
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
REG5 Output Voltage vs. Temperature
VOUT = 2.5V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
2.600
2.550
2.500
2.450
2.400
REG6 Output Voltage vs. Temperature
VOUT = 3.3V
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
3.400
3.350
3.300
3.250
3.200
REG8 Output Voltage vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
1.900
1.850
1.800
1.750
1.700
REG9 Output Voltage vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
3.400
3.350
3.300
3.250
3.200
REG10 Output Voltage vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
1.300
1.250
1.200
1.150
1.100
VOUT = 1.8V
VOUT = 1.2V
REG7 Output Voltage vs. Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
VOUT = 1.2V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com