Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 61 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 57Page - STMicroelectronics L6482 Datasheet HTML 58Page - STMicroelectronics L6482 Datasheet HTML 59Page - STMicroelectronics L6482 Datasheet HTML 60Page - STMicroelectronics L6482 Datasheet HTML 61Page - STMicroelectronics L6482 Datasheet HTML 62Page - STMicroelectronics L6482 Datasheet HTML 63Page - STMicroelectronics L6482 Datasheet HTML 64Page - STMicroelectronics L6482 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
L6482
Programming manual
Doc ID 023768 Rev 2
61/73
9.2.1
Command management
The host microcontroller can control motor motion and configure the L6482 through a
complete set of commands.
All commands are composed by a single byte. After the command byte, some bytes of
arguments should be needed (see Figure 25). Argument length can vary from 1 to 3 bytes.
Figure 25.
Command with 3-byte argument
By default, the device returns an all zero response for any received byte, the only exceptions
are GetParam and GetStatus commands. When one of these commands is received, the
following response bytes represent the related register value (see Figure 26). Response
length can vary from 1 to 3 bytes.
Figure 26.
Command with 3-byte response
During response transmission, new commands can be sent. If a command requiring a
response is sent before the previous response is completed, the response transmission is
aborted and the new response is loaded into the output communication buffer (see
Figure 27).
Figure 27.
Command response aborted
When a byte that does not correspond to a command is sent to the IC it is ignored and the
WRONG_CMD flag in the STATUS register is raised (see Section 9.1.21).
SDI
SDO
Command byte
Argument byte 2
(MSB)
Argument byte 0
(LSB)
Argument byte 1
0x00
0x00
0x00
0x00
(from host)
(to host)
AM15055v1
SDI
SDO
Command byte
Response byte 2
(MSB)
Response byte 0
(LSB)
Response byte 1
0x00
NOP
NOP
NOP
(from host)
(to host)
AM15056v1
SDI
SDO
Command 1
(3 byte resp expected)
Command 3
(2 byte resp expected)
Response byte 2
(MSB)
Response byte 1
(MSB)
Response byte 1
0x00
Command 2
(no resp. expected)
Response byte 0
(LSB)
(from host)
(to host)
Command 4
(no resp. expected)
Command 5
(no resp. expected)
Command 1 response
is aborted
AM15057v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com