Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 24Page - STMicroelectronics L6482 Datasheet HTML 25Page - STMicroelectronics L6482 Datasheet HTML 26Page - STMicroelectronics L6482 Datasheet HTML 27Page - STMicroelectronics L6482 Datasheet HTML 28Page - STMicroelectronics L6482 Datasheet HTML 29Page - STMicroelectronics L6482 Datasheet HTML 30Page - STMicroelectronics L6482 Datasheet HTML 31Page - STMicroelectronics L6482 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 73 page
background image
Functional description
L6482
28/73
Doc ID 023768 Rev 2
Figure 13.
Overcurrent detection-principle scheme
The overcurrent detection comparators are disabled, in order to avoid wrong voltage
measurements, in the following cases:
The respective half-bridge is in high impedance state (both gates forced off)
The respective half-bridge is commutating
The respective half-bridge is commutated and the programmed blanking time has not
yet elapsed
The respective gate is turned off.
It is possible to set, if an overcurrent event causes the bridge turn-off or not, through the
OC_SD bit in the CONFIG register.
When the power bridges are turned off by an overcurrent event, they cannot be turned on
until the OCD flag is released by a GetStatus command.
6.10
Undervoltage lockout (UVLO)
The L6482 provides a programmable gate driver supply voltage UVLO protection. When
one of the supply voltages of the gate driver (VCC for the low sides and VBOOT - VS for the
high sides) falls below the respective turn-off threshold, an undervoltage event occurs. In
this case, all gates are immediately turned off and the UVLO flag in the STATUS register is
forced low.
The UVLO flag is forced low and the gates are kept off until the gate driver supply voltages
return to above the respective turn-on threshold; in this case the undervoltage event expires
and the UVLO flag can be released through a GetStatus command.
The UVLO thresholds can be selected between two sets according to the UVLOVAL bit
value in the CONFIG register.
HVGxx
OUTxx
LVGxx
Vs
GNDx
+
-
+
-
BLANKING
OCD_HSxx
OCD_LSxx
CURRENT
DAC
OC
THRESHOLD
GND
Vs
GND
LOGIC CORE
Voltage
Comparator
Voltage
Comparator
AM15043v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com