Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 8Page - STMicroelectronics L6482 Datasheet HTML 9Page - STMicroelectronics L6482 Datasheet HTML 10Page - STMicroelectronics L6482 Datasheet HTML 11Page - STMicroelectronics L6482 Datasheet HTML 12Page - STMicroelectronics L6482 Datasheet HTML 13Page - STMicroelectronics L6482 Datasheet HTML 14Page - STMicroelectronics L6482 Datasheet HTML 15Page - STMicroelectronics L6482 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Electrical characteristics
L6482
12/73
Doc ID 023768 Rev 2
RpumpLS
Charge pump low-side RDS(ON) resistance
10
Ω
Iboot
Average boot current
2.6
mA
Gate driver outputs
IGATE,Sink
Programmable high-side and low-side gate
sink current
VS = 38 V
VHVGX - VOUTX > 3 V
VLVGX > 3 V
2.4
4
5.6
mA
5.4
8
10.6
11.3
16
20.7
17.3
24
30.7
23.2
32
40.8
50.2
64
77.8
81
96
113
IGATE,Source
Programmable high-side and low-side gate
source current
VS = 38 V
VBOOTX - VHVGX > 3.5
V
VCC-VLVGX > 3.5 V
2.8
4
5.2
mA
5.8
8
10.2
12
16
20
18
24
30
24
32
40
51
64
77
82
96
112
IOB
High-side and low-side turn-off overboost
gate current
85
103
117
mA
RCLAMP(LS) Low-side gate driver Miller clamp resistance
6.5
10
Ω
RCLAMP(HS) High-side gate driver Miller clamp resistance
3
10
Ω
VGATE-CLAMP High-side gate voltage clamp
IGATE-CLAMP=100 mA
16.7
v
tcc
Programmable constant gate current time(2)
TCC=’00000’
125
ns
TCC= 11111
3750
tOB
Programmable. Turn-off overboost; gate
current time(2)
TBOOST=’001’,
internal oscillator
62.5
ns
TBOOST=’111’
1000
IDSS
Leakage current
OUT = VS
100
μA
OUT = GND
-100
μA
tr
Rise time
IGATE = 96 mA
VCC = 15 V
CGATE = 15 nF
2.5
μs
tf
Fall time
IGATE = 96 mA
VCC = 15 V
CGATE = 15 nF
2.5
μs
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com