Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 63 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 59Page - STMicroelectronics L6482 Datasheet HTML 60Page - STMicroelectronics L6482 Datasheet HTML 61Page - STMicroelectronics L6482 Datasheet HTML 62Page - STMicroelectronics L6482 Datasheet HTML 63Page - STMicroelectronics L6482 Datasheet HTML 64Page - STMicroelectronics L6482 Datasheet HTML 65Page - STMicroelectronics L6482 Datasheet HTML 66Page - STMicroelectronics L6482 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
L6482
Programming manual
Doc ID 023768 Rev 2
63/73
This command reads the current PARAM register value; PARAM is the respective register
address listed in Table 11.
The command response is the current value of the register (most significant byte first). The
number of bytes composing the command response depends on the length of the target
register (see Table 11).
The returned value is the register one at the moment of GetParam command decoding. If
register values change after this moment, the response is not updated accordingly.
All registers can be read anytime.
Any attempt to read an inexistent register (wrong address value) causes the command to be
ignored and the WRONG_CMD flag to rise at the end of the command byte as if an
unknown command code were sent.
9.2.5
Run (DIR, SPD)
The Run command produces a motion at SPD speed; the direction is selected by the DIR
bit: '1' forward or '0' reverse. The SPD value is expressed in step/tick (format unsigned fixed
point 0.28) that is the same format as the SPEED register (Section 9.1.4).
Note:
The SPD value should be lower than MAX_SPEED and greater than MIN_SPEED,
otherwise the Run command is executed at MAX_SPEED or MIN_SPEED respectively.
This command keeps the BUSY flag low until the target speed is reached.
This command can be given anytime and is immediately executed.
9.2.6
StepClock (DIR)
The StepClock command switches the device in Step-clock mode (Section 6.7.5) and
imposes the forward (DIR = '1') or reverse (DIR = '0') direction.
When the device is in Step-clock mode, the SCK_MOD flag in the STATUS register is raised
and the motor is always considered stopped (Section 6.7.5 and 9.1.21).
The device exits Step-clock mode when a constant speed, absolute positioning or motion
command is sent through SPI. Motion direction is imposed by the respective StepClock
Table 51.
Run command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01
01
00
0
DIR
from host
X
X
X
X
SPD (Byte 2)
from host
SPD (Byte 1)
from host
SPD (Byte 0)
from host
Table 52.
StepClock command structure
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
01
01100
DIR
from host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com