Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 11Page - STMicroelectronics L6482 Datasheet HTML 12Page - STMicroelectronics L6482 Datasheet HTML 13Page - STMicroelectronics L6482 Datasheet HTML 14Page - STMicroelectronics L6482 Datasheet HTML 15Page - STMicroelectronics L6482 Datasheet HTML 16Page - STMicroelectronics L6482 Datasheet HTML 17Page - STMicroelectronics L6482 Datasheet HTML 18Page - STMicroelectronics L6482 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
L6482
Electrical characteristics
Doc ID 023768 Rev 2
15/73
tcpwu
Charge pump power-on and wake-up time
Power bridges
disabled,
Cp = 10 nF, Cboot = 220
nF, VCC=15 V
1ms
Internal voltage regulators
VCCOUT
Internal VCC voltage regulator output voltage
Low (default), ICC = 10
mA
7.3
7.5
V
High, ICC = 10 mA
4
15
VCCREG, drop VSREG to VCC dropout voltage
ICC = 50 mA
3
V
PCC
Internal VCC voltage regulator power
dissipation
2.5
W
VREGOUT
Internal VREG voltage regulator output
voltage
IREG = 10 mA
3.13
5
3.3
V
VSREG, drop VCCREG to VREG dropout voltage
IREG = 50 mA
3
V
IREGOUT
Internal VREG voltage regulator output
current
VREG pin shorted to
ground
125
mA
IREGOUT,STB
Y
Internal VREG voltage regulator output
standby current
VREG pin shorted to
ground
55
mA
PREG
Internal VREG voltage regulator power
dissipation
0.5
W
Integrated analog-to-digital converter
NADC
Analog-to-digital converter resolution
5
bit
VADC,ref
Analog-to-digital converter reference voltage
3.3
V
fS
Analog-to-digital converter sampling
frequency
(2)
fOSC/512
kHz
VADC,UVLO
ADCIN UVLO threshold
1.05
1.16
1.35
V
1.
Guaranteed in the temperature range -25 to 125
°C.
2.
The value accuracy is dependent on oscillator frequency accuracy (Section 6.8).
3.
FLAG and BUSY open drain outputs included.
4.
See Figure 23.
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com