Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6482 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6482
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6482 Datasheet HTML 9Page - STMicroelectronics L6482 Datasheet HTML 10Page - STMicroelectronics L6482 Datasheet HTML 11Page - STMicroelectronics L6482 Datasheet HTML 12Page - STMicroelectronics L6482 Datasheet HTML 13Page - STMicroelectronics L6482 Datasheet HTML 14Page - STMicroelectronics L6482 Datasheet HTML 15Page - STMicroelectronics L6482 Datasheet HTML 16Page - STMicroelectronics L6482 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
L6482
Electrical characteristics
Doc ID 023768 Rev 2
13/73
SRgate
Gate driver output slew rate
IGATE= 96 mA
VCC = 15 V
CGATE = 15 nF
6V/
μs
Deadtime and blanking
tDT
Programmable deadtime(2)
TDT= '00000'
125
ns
TDT=’11111’
4000
tblank
Programmable blanking time(2)
TBLANK= '000'
125
ns
TBLANK=’111’
1000
Logic
VIL
Low level logic input voltage
0.8
V
VIH
High level logic input voltage
2
V
IIH
High level logic input current
VIN = 5 V, VDDIO = 5 V
1
µA
IIL
Low level logic input current
VIN = 0 V, VDDIO = 5 V
-1
µA
VOL
Low level logic output voltage(3)
VDD = 3.3 V, IOL = 4
mA
0.3
V
VDD = 5 V, IOL = 4 mA
0.3
VOH
High level logic output voltage
VDD = 3.3 V, IOH = 4
mA
2.4
V
VDD = 5 V, IOH = 4 mA
4.7
RPUCS
CS pull-up resistor
430
k
Ω
RPDRST
STBY/RESET pull-down resistor
450
RPUSW
SW pull-up resistor
80
thigh,STCK
Step-clock input high time
300
ns
tlow,STCK
Step-clock input low time
300
ns
Internal oscillator and external oscillator driver
fosc,int
Internal oscillator frequency
Tj = 25 °C,
-5%
16
+5% MHz
fosc,ext
Programmable external oscillator frequency
8
32
MHz
VOSCOUTH
OSCOUT clock source high level voltage
Internal oscillator
2.4
V
VOSCOUTL
OSCOUT clock source low level voltage
Internal oscillator
0.3
V
trOSCOUT
tfOSCOUT
OSCOUT clock source rise and fall time
Internal oscillator
10
ns
thigh
OSCOUT clock source high time
Internal oscillator
62.5
ns
textosc
Internal to external oscillator switching delay
3
ms
tintosc
External to internal oscillator switching delay
100
µs
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com